Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4741 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLG7NT4741
Description  Small Form Factor CRB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4741 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button SLG7NT4741 Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 9Page - Dialog Semiconductor SLG7NT4741 Datasheet HTML 10Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page 8
8
Small Form Factor CRB
SLG7NT4741_DS_r101
SLG7NT4741
Tape and Reel Specification
Package Type
# of
Pins
Nominal
Package
Size (mm)
Max Units
Reel &
Hub Size
(mm)
Trailer A
Leader B
Pocket (mm)
per reel
per box
Pockets
Length
(mm)
Pockets
Length
(mm)
Width
Pitch
STQFN 20L
2x3mm 0.4P
Green
20
2x3x0.55
3000
3000
178/60
100
400
100
400
8
4
Carrier Tape Drawing and Dimensions
Package
Type
Pocket
BTM
Length
(mm)
Pocket
BTM Width
(mm)
Pocket
Depth
(mm)
Index Hole
Pitch
(mm)
Pocket
Pitch
(mm)
Index Hole
Diameter
(mm)
Index Hole
to Tape
Edge
(mm)
Index Hole
to Pocket
Center
(mm)
Tape Width
(mm)
A0
B0
K0
P0
P1
D0
E
F
W
STQFN 20L
2x3mm
0.4P Green
2.2
3.15
0.76
4
4
1.5
1.75
3.5
8
Refer to EIA-481 Specifications
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 3.3 mm
3 (nominal).
More information can be found at www.jedec.org.


Similar Part No. - SLG7NT4741

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
   Small Form Factor CRB
February 25, 2022
SLG7NT4741VTR RENESAS-SLG7NT4741VTR Datasheet
573Kb / 10P
   Small Form Factor CRB
February 25, 2022
More results

Similar Description - SLG7NT4741

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4741V RENESAS-SLG7NT4741V Datasheet
573Kb / 10P
   Small Form Factor CRB
February 25, 2022
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Adam Technologies, Inc.
SFC-1-LP ADAM-TECH-SFC-1-LP Datasheet
85Kb / 1P
   SMALL FORM FACTOR CAGE
logo
TE Connectivity Ltd
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
408-32209 TEC-408-32209 Datasheet
388Kb / 4P
   Small Form-Factor Pluggable
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32165 TEC-408-32165 Datasheet
286Kb / 4P
   Small Form-Factor Pluggable
408-32163 TEC-408-32163 Datasheet
409Kb / 4P
   Enhanced Small Form-Factor
114-13219 TEC-114-13219 Datasheet
1Mb / 10P
   Stacked Small Form-Factor Pluggable
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6160-001 AVAGO-ADNS-6160-001 Datasheet
332Kb / 3P
   Small Form Factor Trim Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com