Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOMC16031003BT3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NOMC16031003BT3
Description  Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NOMC16031003BT3 Datasheet(HTML) 1 Page - Vishay Siliconix

  NOMC16031003BT3 Datasheet HTML 1Page - Vishay Siliconix NOMC16031003BT3 Datasheet HTML 2Page - Vishay Siliconix NOMC16031003BT3 Datasheet HTML 3Page - Vishay Siliconix NOMC16031003BT3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NOMC
www.vishay.com
Vishay Dale Thin Film
Revision: 25-Apr-17
1
Document Number: 60007
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor,
Narrow Body, Surface Mount Network
The NOMC series features a standard 14 pins and 16 pins
narrow body (0.150") small outline surface mount style. It
can accommodate resistor networks to your particular
application requirements. The networks can be constructed
with passivated nichrome (standard), or tantalum nitride (1)
resistor films to optimize performance.
Note
(1) Available
upon
request.
Resistance
value
range
and
performance
differs
from
passivated
nichrome
standard
electrical specifications on datasheet, consult factory
FEATURES
• Standard 14 pins and 16 pins counts
(0.150" narrow body) JEDEC MS-012
variation AB and AC
• Rugged molded case construction
• Excellent long term ratio stability
(
R ± 0.015 %)
• Low TCR tracking ± 5 ppm/°C
• Isolated and bussed schematics
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
TYPICAL PERFORMANCE
SCHEMATICS
The 01 circuit provides a choice of 13 or 15 equal value
resistors each connected between a common lead (14 or
16). Custom schematics available.
The 03 circuit provides a choice of 7 or 8 equal value
resistors (14 or 16). Custom schematics available.
Note
• Consult factory for additional values
Actual Size
ABSOLUTE
TRACKING
TCR
25
5
ABSOLUTE
RATIO
TOL.
0.10
0.05
Available
Available
NOMC1401 or NOMCT1401
NOMC1601 or NOMCT1601
NOMC1403 or NOMCT1403
NOMC1603 or NOMCT1603
STANDARD RESISTANCE OFFERING (Equal Value Resistors)
ISOLATED (03) SCHEMATIC
BUSSED (01) SCHEMATIC
1 k
1 k
2 k
5 k
5 k
10 k
10 k
20 k
20 k
25 k
50 k
100 k


Similar Part No. - NOMC16031003BT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMC16031003BT3 VISHAY-NOMC16031003BT3 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
More results

Similar Description - NOMC16031003BT3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
   Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 08-Jan-12
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
   Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
HTRN VISHAY-HTRN Datasheet
94Kb / 3P
   Molded, 50 mil Pitch, High Temperature (215 °C); Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com