Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4445V Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # SLG7NT4445V
Description  Reset IC with Latch and MUX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4445V Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button SLG7NT4445V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4445V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4445V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4445V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4445V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4445V Datasheet HTML 9Page - Dialog Semiconductor SLG7NT4445V Datasheet HTML 10Page - Dialog Semiconductor SLG7NT4445V Datasheet HTML 11Page - Dialog Semiconductor SLG7NT4445V Datasheet HTML 12Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Reset IC with Latch and MUX
SLG7NT4445
SLG7NT4445_DS_r102
Page 11
Tape and Reel Specification
Package Type
# of
Pins
Nominal
Package
Size (mm)
Max Units
Reel &
Hub Size
(mm)
Trailer A
Leader B
Pocket (mm)
per reel
per box
Pockets
Length
(mm)
Pockets
Length
(mm)
Width
Pitch
TDFN 12L
2.5x2.5mm
0.4P Green
12
2.5x2.5x0.75
3000
3000
178/60
42
168
42
168
8
4
Carrier Tape Drawing and Dimensions
Package
Type
Pocket
BTM
Length
(mm)
Pocket
BTM Width
(mm)
Pocket
Depth
(mm)
Index Hole
Pitch
(mm)
Pocket
Pitch
(mm)
Index Hole
Diameter
(mm)
Index Hole
to Tape
Edge
(mm)
Index Hole
to Pocket
Center
(mm)
Tape Width
(mm)
A0
B0
K0
P0
P1
D0
E
F
W
TDFN 12L
2.5x2.5mm
0.4P Green
2.75
2.75
1.05
4
4
1.55
1.75
3.5
8
Refer to EIA-481 Specifications
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 4.6875 mm
3 (nominal).
More information can be found at www.jedec.org.


Similar Part No. - SLG7NT4445V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4445V RENESAS-SLG7NT4445V Datasheet
891Kb / 12P
   Reset IC with Latch and MUX
February 25, 2022
SLG7NT4445VTR RENESAS-SLG7NT4445VTR Datasheet
891Kb / 12P
   Reset IC with Latch and MUX
February 25, 2022
More results

Similar Description - SLG7NT4445V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT4445V RENESAS-SLG7NT4445V Datasheet
891Kb / 12P
   Reset IC with Latch and MUX
February 25, 2022
logo
Texas Instruments
TPS3703-Q1 TI1-TPS3703-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_19 Datasheet
1Mb / 27P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI-TPS3703-Q1_V03 Datasheet
2Mb / 37P
[Old version datasheet]   Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI-TPS3703-Q1_V04 Datasheet
2Mb / 37P
[Old version datasheet]   TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
MARCH 2021
TPS3703-Q1 TI1-TPS3703-Q1_V01 Datasheet
1Mb / 34P
[Old version datasheet]   TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3870-Q1 TI1-TPS3870-Q1 Datasheet
592Kb / 26P
[Old version datasheet]   TPS3870-Q1 Overvoltage Reset IC With Time Delay and Manual Reset
TPS3703-Q1 TI1-TPS3703-Q1_V02 Datasheet
1Mb / 36P
[Old version datasheet]   TPS3703-Q1 Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com