Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4204V Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG7NT4204V
Description  Pb-Free TDFN-12 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4204V Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG7NT4204V Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4204V Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4204V Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4204V Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4204V Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4204V Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4204V Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4204V Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4204V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GLUE LOGIC
SLG7NT4204
SLG7NT4204_DB_r014
Preliminary
Page 2
Pin Configuration
Pin #
Pin Name
Type
Pin Description
1
VDD
PWR
Supply Voltage
2
NC
--
Keep floating or connect to GND
3
IN1
Input
Analog Input
4
IN2
Input
Analog Input
5
CLK#
Output
Push Pull
6
OUT4
Output
Push Pull
7
GND
GND
Ground
8
CLK
Output
Push Pull
9
IN4
Input
Digital Input
10
NC
--
Keep floating or connect to GND
11
IN3#
Input
Digital Input
12
OUT3
Output
Push Pull
Exposed
Bottom Pad
Exposed Bottom Pad
GND
Ground
Ordering Information
Part Number
Package Type
SLG7NT4204V
V = TDFN-12
SLG7NT4204VTR
VTR = TDFN-12 - Tape and Reel (3k units)


Similar Part No. - SLG7NT4204V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT4229 DIALOG-SLG7NT4229 Datasheet
500Kb / 9P
   PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
SLG7NT4229V DIALOG-SLG7NT4229V Datasheet
500Kb / 9P
   PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
SLG7NT4229VTR DIALOG-SLG7NT4229VTR Datasheet
500Kb / 9P
   PWROK GENERATOR AND STARTUP LATCHING CIRCUIT
SLG7NT4249 DIALOG-SLG7NT4249 Datasheet
1Mb / 13P
   GreenPAK 3??DISCHARGE, PGOOD MONITOR AND LEVEL SHIFTER
SLG7NT4249V DIALOG-SLG7NT4249V Datasheet
1Mb / 13P
   GreenPAK 3??DISCHARGE, PGOOD MONITOR AND LEVEL SHIFTER
More results

Similar Description - SLG7NT4204V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ESD205-B1 INFINEON-ESD205-B1 Datasheet
969Kb / 16P
   Pb-free and halogen free package
Revision 1.4, 2014-05-14
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
   Pb-free and halogen-free package
Revision 1.2, 2014-05-14
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
logo
Cystech Electonics Corp...
MTE030N15RH8 CYSTEKEC-MTE030N15RH8 Datasheet
600Kb / 10P
   Pb-free lead plating and Halogen-free package
logo
Infineon Technologies A...
ESD221-U1-02EL INFINEON-ESD221-U1-02EL Datasheet
432Kb / 14P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-20
ESD311-U1-02N INFINEON-ESD311-U1-02N Datasheet
556Kb / 13P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-28
logo
Guangdong Youtai Semico...
AO3409A UMW-AO3409A Datasheet
1Mb / 5P
   Pb−Free Package May be Available. The G−Suffix Denotes a Pb−Free Lead Finish
logo
Leshan Radio Company
LSSBTH10T1G LRC-LSSBTH10T1G Datasheet
550Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
LSBTH10T1G LRC-LSBTH10T1G Datasheet
552Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
logo
Seoul Semiconductor
SAW8KG08 SEOUL-SAW8KG08 Datasheet
267Kb / 10P
   White colored SMT package Pb-free RefloW Soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com