Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOMC16031003AT1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NOMC16031003AT1
Description  Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NOMC16031003AT1 Datasheet(HTML) 3 Page - Vishay Siliconix

  NOMC16031003AT1 Datasheet HTML 1Page - Vishay Siliconix NOMC16031003AT1 Datasheet HTML 2Page - Vishay Siliconix NOMC16031003AT1 Datasheet HTML 3Page - Vishay Siliconix NOMC16031003AT1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOMC
www.vishay.com
Vishay Dale Thin Film
Revision: 25-Apr-17
3
Document Number: 60007
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Tolerance available 1K and up
(2) Preferred packaging code
ORDERING INFORMATION CHECK LIST (Customs)
Special requirements should be identified in advance, but as a minimum, you should have the following information ready.
ELECTRICAL
MECHANICAL
1. Resistors, by value and tolerance
2. Reference resistor(s) and matching of which resistors to which
reference resistors
3. Reference by ratio
4. Absolute temperature coefficient of resistivity
5. Temperature tracking of subordinate resistors to reference
resistor(s)
6. Maximum operating voltage
7. Resistor power ratings
8. Operating temperature range
1. Maximum allowable seated height (from PC board to top of
network)
2. Special marking concerns
3. Schematic pin out of package
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: NOMC16031002BUF
GLOBAL MODEL
(4 or 5 digits)
PINS
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
NOMC
(Tin Lead)
NOMCT
(Lead (Pb)-free)
(e3)
14
16
01 = 13 or 15
bussed
equal value
resistors
03 = 7 or 8
isolated
equal value
resistors
First 3 digits are
significant figures
and the last digit
specifies the number
of zeros to follow.
Example:
1002 = 10K
1003 = 100K
Abs. Tol.
A = 0.1 % (1)
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1 %
Z = 0.1 % (1)
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
0.025 %
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (2)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel 2500
TS = 100 min., 1 mult
UF = TUBED
Historical Part Number example: NOMC16031002Z (for reference purposes only)
NOMC
16
03
1002
Z
SERIES
PINS
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
C
T
14
310
0
OM
3Z
T
1
0
N
M
C
16
310
0
NO
2B
U
F
0


Similar Part No. - NOMC16031003AT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMC16031003AT1 VISHAY-NOMC16031003AT1 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
More results

Similar Description - NOMC16031003AT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
VSOR1603-103JT VISHAY-VSOR1603-103JT Datasheet
113Kb / 4P
   Molded, 25 mil or 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 08-Jan-12
HTRN4-1T5 VISHAY-HTRN4-1T5 Datasheet
90Kb / 3P
   Molded, 50 mil Pitch, High Temperature Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
HTRN VISHAY-HTRN Datasheet
94Kb / 3P
   Molded, 50 mil Pitch, High Temperature (215 °C); Thin Film Surface Mount, Dual-In-Line Resistor Network
Revision: 12-Dec-11
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
NOMC VISHAY-NOMC_08 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com