Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE6855ER471MG Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPE6855ER471MG
Description  Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPE6855ER471MG Datasheet(HTML) 1 Page - Vishay Siliconix

  LPE6855ER471MG Datasheet HTML 1Page - Vishay Siliconix LPE6855ER471MG Datasheet HTML 2Page - Vishay Siliconix LPE6855ER471MG Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 34067
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Oct-08
199
Surface Mount Transformers/Inductors,
Gapped and Ungapped, Custom Configurations Available
LPE-6855
Vishay Dale
FEATURES
• Compliant to RoHS directive 2002/95/EC
ELECTRICAL SPECIFICATIONS
(Multiple winds are connected in parallel)
Inductance Range: 10 μH to 150 000 μH, measured
at 0.10 VRMS at 10 kHz without DC current, using an
HP 4263A or HP 4284A impedance analyzer
DC Resistance Range: 0.02
 to 46.2 , measured at
+ 25 °C ± 5 °C
Rated Current Range: 3.20 A to 0.17 A
Dielectric Withstanding Voltage: 500 VRMS, 60 Hz, 5 s
Notes
(1) DC current that will create a maximum temperature rise of 30 °C when applied at + 25 °C ambient.
(2) DC current that will typically reduce the initial inductance by 20 %.
• UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest Q capability. Beneficial in filter, impedance matching and
line coupling devices.
GAPPED MODELS: Capable of handling large amounts of DC current, tighter inductance tolerance with better temperature stability than ungapped
models. Beneficial in DC/DC converters or other circuits carrying DC currents or requiring inductance stability over a temperature range.
Note
• Series is also available with SnPb terminations by using package code RY for tape and reel (in place of ER) or SM for bulk (in place of EB).
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(μH)
IND.
TOL.
SCHEMATIC
LETTER
DCR MAX.
(
)
MAX. RATED DC CURRENT
(A) (1)
SATURATING CURRENT
(A) (2)
LPE6855ER151NU
150
± 30 %
A
0.28
0.84
N/A
LPE6855ER221NU
220
± 30 %
A
0.34
0.76
N/A
LPE6855ER331NU
330
± 30 %
A
0.41
0.69
N/A
LPE6855ER471NU
470
± 30 %
A
0.49
0.63
N/A
LPE6855ER681NU
680
± 30 %
A
0.59
0.57
N/A
LPE6855ER102NU
1000
± 30 %
A
0.72
0.52
N/A
LPE6855ER152NU
1500
± 30 %
A
0.88
0.47
N/A
LPE6855ER222NU
2200
± 30 %
A
1.07
0.43
N/A
LPE6855ER332NU
3300
± 30 %
A
1.31
0.39
N/A
LPE6855ER472NU
4700
± 30 %
A
1.56
0.35
N/A
LPE6855ER682NU
6800
± 30 %
A
1.88
0.32
N/A
LPE6855ER103NU
10 000
± 30 %
A
7.17
0.16
N/A
LPE6855ER153NU
15 000
± 30 %
A
8.78
0.15
N/A
LPE6855ER223NU
22 000
± 30 %
A
10.6
0.14
N/A
LPE6855ER333NU
33 000
± 30 %
A
13.0
0.12
N/A
LPE6855ER473NU
47 000
± 30 %
A
15.5
0.11
N/A
LPE6855ER683NU
68 000
± 30 %
A
18.7
0.10
N/A
LPE6855ER104NU
100 000
± 30 %
A
37.7
0.07
N/A
LPE6855ER154NU
150 000
± 30 %
A
46.2
0.06
N/A
LPE6855ER100MG
10
± 20 %
B
0.02
3.21
3.375
LPE6855ER150MG
15
± 20 %
B
0.03
2.90
2.790
LPE6855ER220MG
22
± 20 %
B
0.04
2.64
2.325
LPE6855ER330MG
33
± 20 %
B
0.05
2.12
1.910
LPE6855ER470MG
47
± 20 %
B
0.08
1.73
1.610
LPE6855ER680MG
68
± 20 %
B
0.12
1.41
1.350
LPE6855ER101MG
100
± 20 %
B
0.15
1.28
1.120
LPE6855ER151MG
150
± 20 %
C
0.23
1.02
0.915
LPE6855ER221MG
220
± 20 %
D
0.35
0.83
0.757
LPE6855ER331MG
330
± 20 %
D
0.55
0.67
0.620
LPE6855ER471MG
470
± 20 %
D
0.82
0.54
0.520
LPE6855ER681MG
680
± 20 %
E
1.23
0.45
0.433
LPE6855ER102MG
1000
± 20 %
E
1.89
0.36
0.358
LPE6855ER152MG
1500
± 20 %
E
2.90
0.29
0.292
LPE6855ER222MG
2200
± 20 %
E
4.50
0.23
0.242
LPE6855ER332MG
3300
± 20 %
E
5.50
0.21
0.197
LPE6855ER472MG
4700
± 20 %
E
8.30
0.17
0.166
DESCRIPTION
LPE
6855
1000 μH
± 30 %
A
ER
e2
MODEL
SIZE
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
CORE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
L
P
E
6
85
5
E
R
1
02
N
U
PRODUCT FAMILY
SIZE
PACKAGE CODE
INDUCTANCE VALUE
TOL.
CORE


Similar Part No. - LPE6855ER471MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE6855ER471MG VISHAY-LPE6855ER471MG Datasheet
110Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE6855ER471MG VISHAY-LPE6855ER471MG Datasheet
103Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE6855ER471MG VISHAY-LPE6855ER471MG Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results

Similar Description - LPE6855ER471MG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-5047 VISHAY-LPE-5047_08 Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE3325 VISHAY-LPE3325_11 Datasheet
99Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE6855 VISHAY-LPE6855_12 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_V01 Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE-6855 VISHAY-LPE-6855_V01 Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_07 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
LPE-6855 VISHAY-LPE-6855 Datasheet
110Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-6562 VISHAY-LPE-6562_V01 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com