Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE4841ER333NU Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPE4841ER333NU
Description  Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPE4841ER333NU Datasheet(HTML) 1 Page - Vishay Siliconix

  LPE4841ER333NU Datasheet HTML 1Page - Vishay Siliconix LPE4841ER333NU Datasheet HTML 2Page - Vishay Siliconix LPE4841ER333NU Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 34064
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 24-Feb-11
1
Surface Mount Transformers/Inductors,
Gapped and Ungapped, Custom Configurations Available
LPE-4841
Vishay Dale
FEATURES
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21
definition
ELECTRICAL SPECIFICATIONS
Inductance Range: 10 μH to 47 000 μH,
measured at 0.10 VRMS at 10 kHz without DC
current, using an HP 4263A or HP 4284A
impedance analyzer
DC Resistance Range: 0.03
 to 19.1 , measured at
+ 25 °C ± 5 °C
Rated Current Range: 2.00 A to 0.09 A
Dielectric Withstanding Voltage: 500 VRMS, 60 Hz, 5 s
Notes
(1) DC current that will create a maximum temperature rise of 30 °C when applied at + 25 °C ambient.
(2) DC current that will typically reduce the initial inductance by 20 %.
• UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest Q capability. Beneficial in filter, impedance matching and
line coupling devices.
GAPPED MODELS: Capable of handling large amounts of DC current, tighter inductance tolerance with better temperature stability than
ungapped models. Beneficial in DC/DC converters or other circuits carrying DC currents or requiring inductance stability over a temperature range.
Note
• Series is also available with SnPb terminations by using package code RY for tape and reel (in place of ER) or SM for bulk (in place of EB).
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(μH)
IND.
TOL.
SCHEMATIC
LETTER
DCR MAX.
(
)
MAX. RATED DC CURRENT
(A) (1)
SATURATING CURRENT
(A) (2)
LPE4841ER101NU
100
± 30 %
A
0.17
0.88
N/A
LPE4841ER151NU
150
± 30 %
A
0.21
0.79
N/A
LPE4841ER221NU
220
± 30 %
A
0.25
0.721
N/A
LPE4841ER331NU
330
± 30 %
A
0.30
0.65
N/A
LPE4841ER471NU
470
± 30 %
A
0.36
0.60
N/A
LPE4841ER681NU
680
± 30 %
A
0.44
0.54
N/A
LPE4841ER102NU
1000
± 30 %
A
0.53
0.49
N/A
LPE4841ER152NU
1500
± 30 %
A
0.65
0.45
N/A
LPE4841ER222NU
2200
± 30 %
A
0.79
0.40
N/A
LPE4841ER332NU
3300
± 30 %
A
1.55
0.29
N/A
LPE4841ER472NU
4700
± 30 %
A
1.85
0.26
N/A
LPE4841ER682NU
6800
± 30 %
A
4.36
0.17
N/A
LPE4841ER103NU
10 000
± 30 %
A
5.29
0.16
N/A
LPE4841ER153NU
15 000
± 30 %
A
6.48
0.14
N/A
LPE4841ER223NU
22 000
± 30 %
A
13.1
0.10
N/A
LPE4841ER333NU
33 000
± 30 %
A
16.0
0.09
N/A
LPE4841ER473NU
47 000
± 30 %
A
19.1
0.08
N/A
LPE4841ER100MG
10
± 20 %
B
0.03
2.03
2.320
LPE4841ER150MG
15
± 20 %
B
0.04
1.84
1.925
LPE4841ER220MG
22
± 20 %
C
0.07
1.32
1.610
LPE4841ER330MG
33
± 20 %
C
0.09
1.20
1.330
LPE4841ER470MG
47
± 20 %
D
0.13
0.98
1.125
LPE4841ER680MG
68
± 20 %
D
0.21
0.79
0.941
LPE4841ER101MG
100
± 20 %
E
0.35
0.58
0.781
LPE4841ER151MG
150
± 20 %
E
0.48
0.52
0.641
LPE4841ER221MG
220
± 20 %
E
0.73
0.42
0.532
LPE4841ER331MG
330
± 20 %
E
1.14
0.34
0.436
LPE4841ER471MG
470
± 20 %
E
1.36
0.31
0.366
LPE4841ER681MG
680
± 20 %
E
2.07
0.25
0.305
LPE4841ER102MG
1000
± 20 %
E
3.15
0.20
0.252
LPE4841ER152MG
1500
± 20 %
E
4.76
0.16
0.206
LPE4841ER222MG
2200
± 20 %
E
7.29
0.13
0.170
LPE4841ER332MG
3300
± 20 %
E
11.7
0.11
0.139
LPE4841ER472MG
4700
± 20 %
E
17.7
0.09
0.117
DESCRIPTION
LPE
4841
1000 μH
± 30 %
A
ER
e2
MODEL
SIZE
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
CORE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
L
P
E
4
84
1
E
R
1
02
N
U
PRODUCT FAMILY
SIZE
PACKAGE CODE
INDUCTANCE VALUE
TOL.
CORE


Similar Part No. - LPE4841ER333NU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE4841ER333NU VISHAY-LPE4841ER333NU Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE4841ER333NU VISHAY-LPE4841ER333NU Datasheet
116Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped
LPE4841ER333NU VISHAY-LPE4841ER333NU Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results

Similar Description - LPE4841ER333NU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-6855 VISHAY-LPE-6855_17 Datasheet
104Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_08 Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE3325 VISHAY-LPE3325_11 Datasheet
99Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE6855 VISHAY-LPE6855_12 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_V01 Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE-6855 VISHAY-LPE-6855_V01 Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_07 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
LPE-6855 VISHAY-LPE-6855 Datasheet
110Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-6562 VISHAY-LPE-6562_V01 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com