Electronic Components Datasheet Search |
|
LPE4841ER153NU Datasheet(PDF) 2 Page - Vishay Siliconix |
|
LPE4841ER153NU Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 3 page www.vishay.com For technical questions, contact: magnetics@vishay.com Document Number: 34064 2 Revision: 24-Feb-11 LPE-4841 Vishay Dale Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available Notes • Pad layout guidelines per MIL-STD-275E (printed wiring for electronic equipment). • Tolerances: xx ± 0.01" [± 0.25 mm]; xxx ± 0.005" [± 0.12 mm]. • The underside of these components contains metal and thus should not come in contact with active circuit traces. Note • Schematic A is for ungapped LPE series Note (1) Must be checked in end use application Note • Top view shown with cover tape removed DIMENSIONS in inches [millimeters] 0.045 [1.14] Pad Dimensions Typical, 8 places 0.079 [2.01] 0.045 [1.14] 0.382 [9.70] 0.427 [10.85] Reference Only Typical 3 places Pad Layout Dimensional Outline Foot Print Diagram 0.400 [10.16] 0.028 [0.71] 0.028 [0.71] 0.079 [2.01] Typ. 0.421 [10.69] Max. 4 1 5 8 0.492 [12.50] Max. 0.248 [6.30] Max. SCHEMATIC (top view) ENVIRONMENTAL PERFORMANCE TEST CONDITIONS Thermal Cycling Withstands - 55 °C to + 125 °C Operating Temperature - 55 °C to + 125 °C (1) High Humidity 85 % Soldering Heat Tested to + 230 °C Mechanical Shock Per MIL-STD-202, method 213 (100G) Vibration Per MIL-STD-202, method 204 (20G) Solderability Per industry standards PART MARKING - Vishay Dale - Date code - Marking code (suffix of model #) - Pin 1 indicator Schematic A 5 6 7 8 4 3 2 1 Schematic B 5 6 7 8 4 3 2 1 Schematic C 5 6 7 8 4 3 2 1 Schematic D 5 6 7 8 4 3 2 1 Schematic E 5 6 7 8 4 3 2 1 PACKAGING TAPE SPECIFICATIONS: Carrier Tape Type: Conductive Cover Tape Type: Anti-static Cover Tape Adhesion to Carrier: 40 g ± 30 g REEL SPECIFICATIONS: Diameter (flange): 13" [330.2 mm] Maximum Width (over flanges): 1.197" [30.4 mm] STANDARDS: All embossed carrier tape packaging will be accomplished in compliance with latest revision of EIA-481 “Taping of Surface Mount Components for Automatic Placement”. MODEL TAPE WIDTH COMPONENT PITCH UNITS PER 13" REEL LPE-4841 24 mm 16 mm 600 USER DIRECTION OF FEED Pin 1 Indicator Label Area Embossed Cavity Cover Tape Carrier Tape Tape and Reel Orientation |
Similar Part No. - LPE4841ER153NU |
|
Similar Description - LPE4841ER153NU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |