Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G751-1P1 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part No. G751-1P1
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G751-1P1 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G751-1P1 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Ver: 2.4
Nov 26, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G751
Global Mixed-mode Technology Inc.
0,1111,1010
+125°C
-55°C
-25°C
-0.5°C
0°C
+0.5°C
+25°C
Temperature
0,0011,0010
0,0000,0001
0,0000,0000
1,1111,1111
1,1100,1110
1,1001,0010
Temperature-to-Digital Transfer Function (Non-linear scale for clarity)
Functional Description
The G751 temperature sensor incorporates a
band-gap type temperature sensor and 9-bit ADC
(Delta-Sigma Analog- to-Digital Converter). The
temperature data output of the G751 is available at
all times via the SMBus. If a conversion is in pro-
gress, it will be stopped and restarted after the read.
A digital comparator is also incorporated that com-
pares a series of readings, the number of which is
user-selectable, to user-programmable setpoint and
hysteresis values. The comparator trips the O.S.
output line, which is programmable for mode and
polarity.
O.S. Output, TOS and THYST Limits
In Comparator mode the O.S. Output behaves like a
thermostat. The output becomes active when tem-
perature exceeds the TOS limit, and leaves the active
state when the temperature drops below the THYST
limit. In this mode the O.S. output can be used to
turn a cooling fan on, initiate an emergency system
shutdown, or reduce system clock speed. Shutdown
mode does not reset O.S. state in a comparator
mode.
In interrupt mode exceeding TOS also makes O.S.
active but O.S. will remain active indefinitely until
reset by reading any register via the SMBus inter-
face. Once O.S. has been activated by crossing TOS,
then reset, it can activated again only by Tempera-
ture going below THYST. Again, it will remain active
indefinitely until being reset by a read. Placing the
G751 in shutdown mode also resets the O.S. output.
Default Modes
G751 always powers up in a known state. G751
power up default conditions are:
1. Comparator mode
2. TOS set to 50°C for G751-1, to 80°C for G751-2
3. THYST set to 45°C for G751-1, to 75°C for G751-2
4. O.S. active low
5. Pointer set to “00”; Temperature Register
With these operating conditions G751 can act as a
stand-alone thermostat with the above temperature
settings. Connection to an SMBus is not required.
SMBus Interface
The G751 operates as a slave on the SMBus, so the
SMBCLK line is an input (no clock is generated by
the G751) and the SMBDATA line is a bi-directional
serial data path. According to SMBus specifications,
the G751 has a 7-bit slave address. The four most
significant bits of the slave address are hard wired
inside the G751 and are “1001”. The three least sig-
nificant bits of the address are assigned to pins
A2-A0, and are set by connecting these pins to
ground for a low, (0); or to +Vs for a high, (1).
Therefore, the complete slave address is:
1
0
0
1
A2
A1
A0
MSB
LSB


Similar Part No. - G751-1P1

ManufacturerPart No.DatasheetDescription
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results

Similar Description - G751-1P1

ManufacturerPart No.DatasheetDescription
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Texas Instruments
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
National Semiconductor (TI)
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
List of Unclassifed Manufacturers
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Texas Instruments
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz