Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

G751-1P1 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part No. G751-1P1
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G751-1P1 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G751-1P1 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G751-1P1 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ver: 2.4
Nov 26, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G751
Global Mixed-mode Technology Inc.
Logic Electrical Characteristics
Digital DC Characteristics
Unless otherwise noted, these specifications apply for +Vs=+3.3 Vdc. Boldface limits apply for TA=TJ=TMIN to
TMAX; all other limits TA=TJ=+25°C, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
LIMITS
UNITS
VIN (1)
Logical “1” Input Voltage
+Vs×××× 0.7
+Vs + 0.5
V (min)
V (max)
VIN (0)
Logical “0” Input Voltage
-0.3
+Vs××××0.3
V (min)
V (max)
IIN (1)
Logical “1”Intput Current
VIN=5V
0.005
1.0
µA
IIN (0)
Logical “0”Intput Current
VIN=0V
-0.005
-1.0
µA
CIN
All Digital Inputs
20
PF
IOH
High Level Output Current
VOH=5V
100
µA (max)
VOL
Low Level Output Voltage
IOL=3ma
0.4
V (max)
tOF
Output Fall Time
CL=400pF,IO=3ma
250
ns (max)
SMBus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for +Vs = +3.3 Vdc and CL (load capacitance) on output lines =
80pF unless otherwise specified. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C,
unless otherwise noted.
The switching characteristics of the G751 fully meet or exceed the published specifications of the SMBus. The
following parameters are the timing relationships between SMBCLK and SMBDATA signals related to the G751.
They are not the SMBus specifications.
SYMBOL
PARAMETER
CONDITIONS TYPICAL LIMITS UNITS
t1
SMBCLK (Clock) Period
2.5
µs (min)
t2
Data in Set-Up Time to SMBCLK High
100
ns (min)
t3
Data Out Stable after SMBCLK Low
0
ns (min)
t4
SMBDATA Low Set-Up Time to SMBCLK Low (Start Condition)
100
ns (min)
t5
SMBDATA High Hold Time after SMBCLK High (Stop Condition)
100
ns (min)
Pin Description
PIN
LABEL
FUNCTION
TYPICAL CONNECTION
1
SMBDATA SMBus Serial Bi-Directional Data Line
From Controller
2
SMBCLK SMBus Clock Input
From Controller
3
O.S.
Overtemperature Shutdown Open Drain Output
Pull Up Resistor, Controller Interrupt Line
4
GND
Power Supply Ground
Ground
5,6,7
A0-A2
User-Set SMBus Address Inputs
Ground (Low, “0”) or +Vs (High, “1”)
8
+Vs
Positive Supply Voltage Input
DC Voltage from 3V to 5.5V
Logic Electrical Characteristics
SMBCLK
SMBDATA
Data in
SMBDATA
Data out
t1
t4
t2
t5
t
3
SMBCLK
SMBDATA
Data in
SMBDATA
Data out
t1
t4
t2
t5
t
3


Similar Part No. - G751-1P1

ManufacturerPart No.DatasheetDescription
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results

Similar Description - G751-1P1

ManufacturerPart No.DatasheetDescription
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G751 GMT-G751_05 Datasheet
257Kb / 12P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Texas Instruments
Texas Instruments
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
National Semiconductor (TI)
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75 NSC-LM75 Datasheet
308Kb / 18P
   Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
List of Unclassifed Manufacturers
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
   Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
Texas Instruments
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
Global Mixed-mode Technology Inc
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
   High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz