Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPE-6562 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPE-6562
Description  Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPE-6562 Datasheet(HTML) 1 Page - Vishay Siliconix

  LPE-6562_17 Datasheet HTML 1Page - Vishay Siliconix LPE-6562_17 Datasheet HTML 2Page - Vishay Siliconix LPE-6562_17 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LPE-6562
www.vishay.com
Vishay Dale
Revision: 04-Dec-14
1
Document Number: 34066
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Transformers/Inductors,
Gapped and Ungapped, Custom Configurations Available
FEATURES
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
ELECTRICAL SPECIFICATIONS
(multiple winds are connected in parallel)
Inductance Range: 10 μH to 330 000 μH,
measured at
0.10 VRMS at 10 kHz without DC current,
using an HP 4263A or HP 4284A impedance analyzer
DC Resistance Range: 0.03
 to 53.7 , measured at
+25 °C ± 5 °C
Rated Current Range: 3.00 A to 0.06 A
Dielectric Withstanding Voltage: 500 VRMS, 60 Hz, 5 s
Notes
(1) DC current that will create a maximum temperature rise of 30 °C when applied at +25 °C ambient.
(2) DC current that will typically reduce the initial inductance by 20 %.
• UNGAPPED MODELS: Highest possible inductance with the lowest DCR and highest Q capability. Beneficial in filter, impedance matching and
line coupling devices.
GAPPED MODELS: Capable of handling large amounts of DC current, tighter inductance tolerance with better temperature stability than ungapped
models. Beneficial in DC/DC converters or other circuits carrying DC currents or requiring inductance stability over a temperature range.
Note
• Series is also available with SnPb terminations by using package code RY for tape and reel (in place of ER) or SM for bulk (in place of EB).
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(μH)
IND.
TOL.
SCHEMATIC
LETTER
DCR MAX.
(
)
MAX. RATED DC CURRENT
(A) (1)
SATURATING CURRENT
(A) (2)
LPE6562ER221NU
220
± 30 %
A
0.28
0.90
N/A
LPE6562ER331NU
330
± 30 %
A
0.34
0.81
N/A
LPE6562ER471NU
470
± 30 %
A
0.40
0.74
N/A
LPE6562ER681NU
680
± 30 %
A
0.48
0.67
N/A
LPE6562ER102NU
1000
± 30 %
A
0.59
0.61
N/A
LPE6562ER152NU
1500
± 30 %
A
0.72
0.55
N/A
LPE6562ER222NU
2200
± 30 %
A
0.87
0.50
N/A
LPE6562ER332NU
3300
± 30 %
A
1.07
0.45
N/A
LPE6562ER472NU
4700
± 30 %
A
1.27
0.41
N/A
LPE6562ER682NU
6800
± 30 %
A
1.53
0.38
N/A
LPE6562ER103NU
10 000
± 30 %
A
1.86
0.34
N/A
LPE6562ER153NU
15 000
± 30 %
A
2.27
0.31
N/A
LPE6562ER223NU
22 000
± 30 %
A
8.67
0.16
N/A
LPE6562ER333NU
33 000
± 30 %
A
10.6
0.14
N/A
LPE6562ER473NU
47 000
± 30 %
A
12.7
0.13
N/A
LPE6562ER683NU
68 000
± 30 %
A
15.2
0.12
N/A
LPE6562ER104NU
100 000
± 30 %
A
18.5
0.11
N/A
LPE6562ER154NU
150 000
± 30 %
A
37.7
0.08
N/A
LPE6562ER224NU
220 000
± 30 %
A
45.6
0.07
N/A
LPE6562ER334NU
330 000
± 30 %
A
53.7
0.06
N/A
LPE6562ER100MG
10
± 20 %
B
0.03
3.09
5.055
LPE6562ER150MG
15
± 20 %
B
0.04
2.79
4.160
LPE6562ER220MG
22
± 20 %
B
0.05
2.26
3.460
LPE6562ER330MG
33
± 20 %
B
0.08
1.81
2.840
LPE6562ER470MG
47
± 20 %
D
0.12
1.48
2.390
LPE6562ER680MG
68
± 20 %
C
0.19
1.20
1.990
LPE6562ER101MG
100
± 20 %
D
0.29
0.98
1.650
LPE6562ER151MG
150
± 20 %
E
0.45
0.78
1.350
LPE6562ER221MG
220
± 20 %
E
0.54
0.71
1.115
LPE6562ER331MG
330
± 20 %
E
0.84
0.57
0.912
LPE6562ER471MG
470
± 20 %
E
1.24
0.47
0.765
LPE6562ER681MG
680
± 20 %
E
1.89
0.38
0.637
LPE6562ER102MG
1000
± 20 %
E
2.91
0.31
0.526
LPE6562ER152MG
1500
± 20 %
E
4.50
0.25
0.430
LPE6562ER222MG
2200
± 20 %
E
6.90
0.20
0.355
LPE6562ER332MG
3300
± 20 %
E
10.4
0.16
0.290
LPE6562ER472MG
4700
± 20 %
E
15.7
0.13
0.243
DESCRIPTION
LPE
6562
1000 μH
± 30 %
A
ER
e2
MODEL
SIZE
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
CORE
PACKAGE CODE
JEDEC® LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
L
P
E
6
56
2
E
R
1
02
N
T
PRODUCT FAMILY
SIZE
PACKAGE CODE
INDUCTANCE VALUE
TOL.
CORE


Similar Part No. - LPE-6562_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-6562-100MB VISHAY-LPE-6562-100MB Datasheet
166Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped Custom Configurations Available
Revision 28-Aug-02
LPE-6562-101MB VISHAY-LPE-6562-101MB Datasheet
166Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped Custom Configurations Available
Revision 28-Aug-02
LPE-6562-102MB VISHAY-LPE-6562-102MB Datasheet
166Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped Custom Configurations Available
Revision 28-Aug-02
LPE-6562-102NA VISHAY-LPE-6562-102NA Datasheet
166Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped Custom Configurations Available
Revision 28-Aug-02
LPE-6562-103NA VISHAY-LPE-6562-103NA Datasheet
166Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped Custom Configurations Available
Revision 28-Aug-02
More results

Similar Description - LPE-6562_17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPE-6855 VISHAY-LPE-6855_17 Datasheet
104Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_08 Datasheet
107Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 10-Oct-08
LPE3325 VISHAY-LPE3325_11 Datasheet
99Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 24-Feb-11
LPE6855 VISHAY-LPE6855_12 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors,Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-5047 VISHAY-LPE-5047_V01 Datasheet
88Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
01-Jan-2022
LPE-6855 VISHAY-LPE-6855_V01 Datasheet
86Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-3325 VISHAY-LPE-3325 Datasheet
67Kb / 2P
   Surface Mount Transformers/Inductors Gapped and Ungapped, Custom Configurations Available
10-Oct-08
LPE-4841 VISHAY-LPE-4841_07 Datasheet
108Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped Custom Configurations Available
Revision: 17-Apr-07
LPE-6855 VISHAY-LPE-6855 Datasheet
110Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
Revision: 10-Oct-08
LPE-4841 VISHAY-LPE-4841_V01 Datasheet
100Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
LPE-6562 VISHAY-LPE-6562_V01 Datasheet
102Kb / 3P
   Surface Mount Transformers/Inductors, Gapped and Ungapped, Custom Configurations Available
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com