Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA2267AMUX Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSA2267AMUX
Description  0.35 ohm Low Voltage Dual-SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2267AMUX Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSA2267AMUX Datasheet HTML 3Page - Fairchild Semiconductor FSA2267AMUX Datasheet HTML 4Page - Fairchild Semiconductor FSA2267AMUX Datasheet HTML 5Page - Fairchild Semiconductor FSA2267AMUX Datasheet HTML 6Page - Fairchild Semiconductor FSA2267AMUX Datasheet HTML 7Page - Fairchild Semiconductor FSA2267AMUX Datasheet HTML 8Page - Fairchild Semiconductor FSA2267AMUX Datasheet HTML 9Page - Fairchild Semiconductor FSA2267AMUX Datasheet HTML 10Page - Fairchild Semiconductor FSA2267AMUX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267ARev. 1.0.2
7
FSA2267 AC Electrical Characteristics
All typical values are at 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°C
TA= -40 to
+85°C
Units
Figure
Number
Min. Typ. Max. Min. Max.
tON
Turn ON Time
nB0 or nB1 = 1.5V,
RL = 50Ω, CL = 35 pF
2.7 to 3.6
30.0
38.0
42.0
ns
Figure 7
2.3 to 2.7
29.0
37.0
40.0
1.65 to 1.95
27.0
35.0
38.0
tOFF
Turn OFF Time
nB0 or nB1 = 1.5V,
RL = 50Ω, CL = 35 pF
2.7 to 3.6
13.0
16.0
18.0
ns
Figure 7
2.3 to 2.7
14.0
18.0
20.0
1.65 to 1.95
15.0
21.0
25.0
tB-M
Break-Before-
Make Time
nB0 or nB1 = 1.5V,
RL = 50Ω, CL = 35 pF
2.7 to 3.6
17.0
2.0
ns
Figure 8
2.3 to 2.7
15.0
2.0
1.65 to 1.95
12.0
2.0
Q
Charge Injection
CL = 100 pF, VGEN = 0V,
RGEN = 0Ω
2.7 to 3.6
9.0
pC
Figure 10
CL = 100 pF, VGEN = 0V,
RGEN = 0Ω
2.3 to 2.7
9.0
CL = 100 pF, VGEN = 0V,
RGEN = 0Ω
1.65 to 1.95
9.0
OIRR
OFF-Isolation
f = 100kHz, RL = 50Ω, CL = 5 pF
(Stray)
2.7 to 3.6
-80.0
dB
Figure 9
2.3 to 2.7
-80.0
1.65 to 1.95
-80.0
Xtalk
Crosstalk
f = 100kHz, RL = 50Ω, CL = 5 pF
(Stray)
2.7 to 3.6
-80.0
dB
Figure 9
2.3 to 2.7
-80.0
1.65 to 1.95
-80.0
BW
-3db Bandwidth
RL = 50Ω
1.65 to 3.6
45.0
MHz
Figure 12
THD
Total Harmonic
Distortion
RL = 32Ω, VIN = 2Vpk-pk,
f= 20Hz to 20kHz
2.7 to 3.6
0.024
%
Figure 13
RL = 32Ω, VIN = 1.5Vpk-pk,
f= 20Hz to 20kHz
2.3 to 2.7
0.015
RL = 32Ω, VIN = 1.2Vpk-pk,
f= 20Hz to 20kHz
1.65 to 1.95
0.35


Similar Part No. - FSA2267AMUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2267AMUX FAIRCHILD-FSA2267AMUX Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
FSA2267AMUX FAIRCHILD-FSA2267AMUX Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
FSA2267AMUX ONSEMI-FSA2267AMUX Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
More results

Similar Description - FSA2267AMUX

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com