Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3009LFVW Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMN3009LFVW
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3009LFVW Datasheet(HTML) 6 Page - Diodes Incorporated

  DMN3009LFVW Datasheet HTML 1Page - Diodes Incorporated DMN3009LFVW Datasheet HTML 2Page - Diodes Incorporated DMN3009LFVW Datasheet HTML 3Page - Diodes Incorporated DMN3009LFVW Datasheet HTML 4Page - Diodes Incorporated DMN3009LFVW Datasheet HTML 5Page - Diodes Incorporated DMN3009LFVW Datasheet HTML 6Page - Diodes Incorporated DMN3009LFVW Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMN3009LFVW
Document number: DS39290 Rev. 1 - 2
6 of 7
www.diodes.com
December 2017
© Diodes Incorporated
DMN3009LFVW
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8 (SWP) (Type UX)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8 (SWP) (Type UX)
X1
X2
X3
Y1
Y2
Y5
Y3
Y4
Y6
Y
C
X
X4
PowerDI3333-8 (SWP)
(Type UX)
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
--
b
0.25
0.40
0.32
c
0.10
0.25
0.15
D
3.20
3.40
3.30
D1
2.95
3.15
3.05
D2
2.30
2.70
2.50
E
3.20
3.40
3.30
E1
2.95
3.15
3.05
E2
1.60
2.00
1.80
E3
0.95
1.35
1.15
E4
0.10
0.30
0.20
e


0.65
k
0.50
0.90
0.70
L
0.30
0.50
0.40
θ
0
°
12
°
10
°
All Dimensions in mm
Dimensions Value (in mm)
C
0.650
X
0.420
X1
0.420
X2
0.230
X3
2.600
X4
3.500
Y
0.700
Y1
0.550
Y2
1.650
Y3
0.600
Y4
2.450
Y5
0.400
Y6
3.700
D
E
E1
D1
A
c
L
L
E4
b
e
k
D2
E2
A1
0
E3
Detail A
Detail A
0.050
0.150


Similar Part No. - DMN3009LFVW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3009LFV DIODES-DMN3009LFV Datasheet
415Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3009LFV-13 DIODES-DMN3009LFV-13 Datasheet
415Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN3009LFV-7 DIODES-DMN3009LFV-7 Datasheet
415Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3009LFVW

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com