Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2990UDJ-7A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2990UDJ-7A
Description  DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2990UDJ-7A Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2990UDJ-7A Datasheet HTML 1Page - Diodes Incorporated DMN2990UDJ-7A Datasheet HTML 2Page - Diodes Incorporated DMN2990UDJ-7A Datasheet HTML 3Page - Diodes Incorporated DMN2990UDJ-7A Datasheet HTML 4Page - Diodes Incorporated DMN2990UDJ-7A Datasheet HTML 5Page - Diodes Incorporated DMN2990UDJ-7A Datasheet HTML 6Page - Diodes Incorporated DMN2990UDJ-7A Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMN2990UDJ
Document number: DS35401 Rev. 8 - 2
1 of 7
www.diodes.com
February 2017
© Diodes Incorporated
DMN2990UDJ
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON) Max
ID Max
TA = 25°C
20V
0.99
Ω @ VGS = 4.5V
450mA
1.2
Ω @ VGS = 2.5V
400mA
1.8
Ω @ VGS = 1.8V
330mA
2.4
Ω @ VGS = 1.5V
300mA
Description
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
General Purpose Interfacing Switch
Power Management Functions
DC-DC Converters
Analog Switch
Features
Dual N-Channel MOSFET
Low On-Resistance
Very Low Gate Threshold Voltage, 1.0V Max
Low Input Capacitance
Fast Switching Speed
Ultra-Small Surface Mount Package 1mm x 1mm
Low Package Profile, 0.45mm Maximum Package Height
ESD Protected Gate
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (DMN2990UDJQ)
Mechanical Data
Case: SOT963
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
 Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.027 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMN2990UDJ-7
SOT963
10K/Tape & Reel
DMN2990UDJ-7A
SOT963
10K/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more informa
tion about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information (Note 5 & 6)
Notes:
5. Package is non-polarized. Parts may be on reel in orientation illustrated, 180°rotated, or mixed (both ways).
6. Part number with suffix 7A designates devices marked with a Pin 1 indicator. There is no other difference between both devices.
ESD PROTECTED
Top View
SOT963
Top View
Schematic and Transistor Diagram
L1 = Product Type Marking Code
L1
S
2
D
2
D
1
S
1
G
2
G
1
L1
DMN2990UDJ-7 (Note 5)
DMN2990UDJ-7A (Note 6)


Similar Part No. - DMN2990UDJ-7A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2990UDJ-7 DIODES-DMN2990UDJ-7 Datasheet
181Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2990UDJ-7A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM9966 ANPEC-APM9966 Datasheet
151Kb / 12P
   Dual N-Channel Enhancement Mode MOSFET
APM7322K ANPEC-APM7322K Datasheet
117Kb / 10P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
2N7002DW DIODES-2N7002DW_15 Datasheet
217Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG4800LSD DIODES-DMG4800LSD_15 Datasheet
249Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN601DMK DIODES-DMN601DMK_16 Datasheet
513Kb / 7P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
GUANGDONG HOTTECH INDUS...
8205A HOTTECH-8205A Datasheet
821Kb / 2P
   Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN2040LSD DIODES-DMN2040LSD Datasheet
158Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMG8822UTS DIODES-DMG8822UTS Datasheet
156Kb / 6P
   DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com