Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA2267MUX Datasheet(PDF) 12 Page - Fairchild Semiconductor

Part # FSA2267MUX
Description  0.35 ohm Low Voltage Dual-SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA2267MUX Datasheet(HTML) 12 Page - Fairchild Semiconductor

Back Button FSA2267MUX Datasheet HTML 7Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 8Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 9Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 10Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 11Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 12Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 13Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 14Page - Fairchild Semiconductor FSA2267MUX Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267A Rev. 1.0.2
12
Tape and Reel Specification
Tape Format For MicroPak 10
Dimensions are in millimeters (inches) unless otherwise noted.
Reel Dimensions
Package Designator
Tape Section
Cavity Number
Cavity Status
Cover Tape Status
Leader (Start End)
125 (typ)
Empty
Sealed
L10X
Carrier
5000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape Size
ABCDN
W1
W2
W3
8 mm
7.0
0.059
0.512
0.795
2.165
0.331 + 0.059/
−0.000
0.567 W1 + 0.078/
−0.039
(177.8) (1.50) (13.00) (20.20) (55.00)
(8.40 + 1.50/
−0.00)
(14.40) (W1 + 2.00/
−1.00)


Similar Part No. - FSA2267MUX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA2267MUX FAIRCHILD-FSA2267MUX Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
More results

Similar Description - FSA2267MUX

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6236 AOSMD-AOZ6236 Datasheet
503Kb / 11P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
   0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535 Datasheet
72Kb / 5P
   0.35 OHM Low-Voltage Dual SPDT Analog Switch
Rev. B, 01-Nov-04
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267_12 Datasheet
668Kb / 14P
   0.35??Low-Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
   0.35-Ω Low-Voltage Dual SPDT Analog Switch
Rev. E, 14-May-07
logo
Fairchild Semiconductor
FSA2267_0703 FAIRCHILD-FSA2267_0703 Datasheet
1Mb / 16P
   0.35廓 Low-Voltage Dual-SPDT Analog Switch
logo
ON Semiconductor
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com