Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN2300UFL4 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMN2300UFL4
Description  20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2300UFL4 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMN2300UFL4 Datasheet HTML 1Page - Diodes Incorporated DMN2300UFL4 Datasheet HTML 2Page - Diodes Incorporated DMN2300UFL4 Datasheet HTML 3Page - Diodes Incorporated DMN2300UFL4 Datasheet HTML 4Page - Diodes Incorporated DMN2300UFL4 Datasheet HTML 5Page - Diodes Incorporated DMN2300UFL4 Datasheet HTML 6Page - Diodes Incorporated DMN2300UFL4 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMN2300UFL4
Datasheet Number: DS35946 Rev. 3 - 2
6 of 7
www.diodes.com
December 2017
© Diodes Incorporated
DMN2300UFL4
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X2-DFN1310-6
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
X2-DFN1310-6
X2-DFN1310-6
Dim
Min
Max
Typ
A
-
0.40
-
A1
0
0.05
0.02
A3
-
-
0.13
b
0.10
0.20
0.15
D
1.25
1.38
1.30
d
-
-
0.25
D2
0.30
0.50
0.40
E
0.95
1.075
1.00
e
-
-
0.35
E2
0.30
0.50
0.40
f
-
-
0.10
L
0.20
0.30
0.25
Z
-
-
0.05
All Dimensions in mm
Dimensions
Value (in mm)
G1
0.16
G2
0.17
G3
0.15
X1
0.52
X2
0.20
Y1
0.52
Y2
0.375
a
0.09
b
0.06
A
A1
A3
Seating Plane
E
D2
E2
b
(Pin #1 ID)
e
L
D
R0.15
0
d
f
f
d
f
f
z
z
b
G3
a
G2
X2
Y2
Y1
G1
X1


Similar Part No. - DMN2300UFL4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2300UFL4 DIODES-DMN2300UFL4 Datasheet
236Kb / 7P
   Ultra-Small Surface Mount Package
DMN2300UFL4-7 DIODES-DMN2300UFL4-7 Datasheet
236Kb / 7P
   Ultra-Small Surface Mount Package
DMN2300UFL4Q DIODES-DMN2300UFL4Q Datasheet
576Kb / 7P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 1 - 2
DMN2300UFL4Q-7 DIODES-DMN2300UFL4Q-7 Datasheet
576Kb / 7P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
September 2019 Rev. 1 - 2
DMN2300UFL4 DIODES-DMN2300UFL4_15 Datasheet
236Kb / 7P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN2300UFL4

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
   20V Dual N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A04DN8 DIODES-ZXMN2A04DN8 Datasheet
185Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMD63N02X DIODES-ZXMD63N02X Datasheet
162Kb / 7P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2029USD DIODES-DMN2029USD_15 Datasheet
264Kb / 6P
   20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN2025UFDB DIODES-DMN2025UFDB Datasheet
485Kb / 8P
   DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2020 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com