Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSAM10SM60A Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FSAM10SM60A
Description  SPM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSAM10SM60A Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FSAM10SM60A Datasheet HTML 3Page - Fairchild Semiconductor FSAM10SM60A Datasheet HTML 4Page - Fairchild Semiconductor FSAM10SM60A Datasheet HTML 5Page - Fairchild Semiconductor FSAM10SM60A Datasheet HTML 6Page - Fairchild Semiconductor FSAM10SM60A Datasheet HTML 7Page - Fairchild Semiconductor FSAM10SM60A Datasheet HTML 8Page - Fairchild Semiconductor FSAM10SM60A Datasheet HTML 9Page - Fairchild Semiconductor FSAM10SM60A Datasheet HTML 10Page - Fairchild Semiconductor FSAM10SM60A Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. E, August 2003
Fig. 4. Switching Time Definition
Fig. 5. Experimental Results of Switching Waveforms
Test Condition: Vdc=300V, Vcc=15V, L=500uH (Inductive Load), TJ=25°°°°C
t
rr
I
C
V
CE
V
IN
t
ON
t
C(O N )
V IN(O N)
100 % IC
(a) Turn-on
(b) Turn-off
I
C
V
CE
V
IN
t
OFF
t
C(OFF)
VIN(OFF)
V
CE : 100V/div.
I
C : 5A/div.
time : 0.1us/div.
(a) turn-on
V
CE : 100V/div.
I
C : 5A/div.
time : 0.1us/div.
(b) turn-off
(a) Turn-on
(b) Turn-off


Similar Part No. - FSAM10SM60A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAM10SH60 FAIRCHILD-FSAM10SH60 Datasheet
349Kb / 17P
   Smart Power Module (SPM)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
More results

Similar Description - FSAM10SM60A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com