Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG46117 Datasheet(PDF) 68 Page - Dialog Semiconductor

Part # SLG46117
Description  Highly Versatile Macrocells
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46117 Datasheet(HTML) 68 Page - Dialog Semiconductor

Back Button SLG46117 Datasheet HTML 64Page - Dialog Semiconductor SLG46117 Datasheet HTML 65Page - Dialog Semiconductor SLG46117 Datasheet HTML 66Page - Dialog Semiconductor SLG46117 Datasheet HTML 67Page - Dialog Semiconductor SLG46117 Datasheet HTML 68Page - Dialog Semiconductor SLG46117 Datasheet HTML 69Page - Dialog Semiconductor SLG46117 Datasheet HTML 70Page - Dialog Semiconductor SLG46117 Datasheet HTML 71Page - Dialog Semiconductor SLG46117 Datasheet HTML 72Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 88 page
background image
000-0046117-109
Page 67 of 87
SLG46117
The user can select one of these fundamental frequencies for the RC OSC Macrocell, or the fundamental frequency can also
come from an external clock input (Pin 12). There are two divider stages that allow the user flexibility for introducing clock signals
on various Connection Matrix Input lines. The first stage divider (also known as the clock pre-divider) allows the selection of /1,
/2, /4 or /8 divide down frequency from the fundamental. There are two second stage divider controls (OUT0 and OUT1). Each
has its own input of one frequency from the first stage divider, and outputs five different frequencies on Connection Matrix Input
lines <45>, <46>, <47>, <48>, and <49>. See Figure 42 below for details of the frequencies for each of these five Connection
Matrix Inputs.
If PWR DOWN input of oscillator is LOW, the oscillator will be turned on. If PWR DOWN input of oscillator is HIGH the oscillator
will be turned off. The PWR DOWN signal has the highest priority.
16.2 RC OSC Block Diagram
Figure 42. RC OSC Block Diagram
Internal RCO
reg <303>
0: 25 kHz
1: 2 MHz
/ 2
/ 3
/ 4
/ 8
/ 12
/ 24
/ 64
To Connection Matrix Input <23>
reg <308:306>
DIV /1/2/4/8
reg <305:304>
First Stage
Divider
Second Stage
Divider
PIN 13 Ext. Clock
Ext. Clk Sel reg <312>
0
1
reg <311:309>
To Connection Matrix Input <24>
From Connection Matrix Output <38>
PWR DOWN


Similar Part No. - SLG46117

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46117 RENESAS-SLG46117 Datasheet
3Mb / 91P
   Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge
Revised March 4, 2022
SLG46117V RENESAS-SLG46117V Datasheet
3Mb / 91P
   Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge
Revised March 4, 2022
SLG46117VTR RENESAS-SLG46117VTR Datasheet
3Mb / 91P
   Programmable Mixed-signal Matrix with P-FET Power Switch with Discharge
Revised March 4, 2022
More results

Similar Description - SLG46117

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3256XL-7CS280C XILINX-XCR3256XL-7CS280C Datasheet
113Kb / 12P
   256 macrocells with 6,000 usable gates
XC9536XV XILINX-XC9536XV_07 Datasheet
98Kb / 9P
   36 macrocells with 800 usable gates
XCR3256XL XILINX-XCR3256XL Datasheet
237Kb / 10P
   256 macrocells with 6,000 usable gates
XC9536XV XILINX-XC9536XV Datasheet
164Kb / 8P
   36 macrocells with 800 usable gates
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com