Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSA2267 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FSA2267
Description  0.35 ohm Low Voltage Dual-SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSA2267 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267A Rev. 1.0.2
5
FSA2267 DC Electrical Characteristics
All typical values are at 25°C unless otherwise specified.
4. On Resistance is determined by the voltage drop between A and B pins at the indicated current through the switch.
5.
ΔRON = RONmax - RONmin measured at identical VCC, temperature, and voltage.
6. Flatness is defined as the difference between the maximum and minimum value of RON over the specified range of conditions.
Symbol
Parameter
Conditions
VCC
TA = +25°C
TA= −40 to
+85
°C
Units
(V)
Min. Typ. Max. Min. Max.
VIH
Input Voltage High
2.7 to 3.6
2.0
V
2.3 to 2.7
1.7
1.65 to 1.95
0.65
VCC
VIL
Input Voltage Low
2.7 to 3.6
0.8
V
2.3 to 2.7
0.7
1.65 to 1.95
0.35
VCC
IIN
Control Input Leakage
VIN = 0V to VCC
1.65 to 3.6
-0.5
0.5
μA
INO(OFF),
INC(OFF)
OFF-Leakage Current of
Port nB0 and nB1
nA = 0.3V, 3.3V, nB0 or nB1
= 0.3V, 3.3V or floating
3.6
-5.0
5.0
-50
50
nA
nA = 0.3V, 2.4V, nB0 or nB1
= 0.3V, 2.4V or floating
2.7
-5.0
5.0
-50
50
nA = 0.3V, 1.65V, nB0 or nB1
= 0.3V, 1.65V or floating
1.95
-5.0
5.0
-50
50
IA(ON)
ON Leakage Current of
Port 1A and 2A
nA = 0.3V, 3.3V, nB0 or nB1
= 0.3V, 3.3V or floating
3.6
-5.0
5.0
-50
50
nA
nA = 0.3V, 2.4V, nB0 or nB1
= 0.3V, 2.4V or floating
2.7
-5.0
5.0
-50
50
nA = 0.3V, 1.65V, nB0 or nB1
= 0.3V, 1.65V or floating
1.95
-5.0
5.0
-50
50
RON
Switch On Resistance(4)
See Figure 5
IOUT = 100mA, nB0 or nB1
= 0V, 0.7V, 2.0V, 2.7V
2.7
0.35
0.60
Ω
IOUT = 100mA, nB0 or nB1
= 0V, 0.7V, 1.6V, 2.3V
2.3
0.45
0.75
IOUT = 100mA, nB0 or nB1
= 0.8V
1.65
1.0
3.9
ΔRON
On Resistance Matching
Between Channels(5)
IOUT = 100mA, nB0 or nB1
= 0.7V
2.7
0.040
0.075
Ω
2.3
0.040
0.080
1.65
0.1
RFLAT(ON) On Resistance Flatness(6)
IOUT = 100mA, nB0 or nB1
= 0V to VCC
2.7
0.25
Ω
2.3
0.3
1.65
0.3
ICC
Quiescent Supply Current
VIN = 0V or VCC, IOUT = 0A
3.6
-100
100
-500
500
nA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn