Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSA2267 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FSA2267
Description  0.35 ohm Low Voltage Dual-SPDT Analog Switch
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSA2267 Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2267 / FSA2267ARev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only..
Notes:
1. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are observed.
2. Minimums define the acceptable range of current. Negative current should not exceed minimun negative values.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Notes:
3. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
+5.5
V
VS
Switch Voltage(1)
-0.5
VCC + 0.5
V
VIN
Input Voltage(1)
-0.5
VCC
V
Input Diode Current(2)
-50
mA
Switch Current
350
mA
Peak Switch Current
(Pulsed at 1ms duration, <10% Duty Cycle)
500
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Maximum Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 seconds)
+260
°C
ESD
Human Body Model: FSA2267
7500
V
Human Body Model: FSA2267A
7000
V
Charge Device Model: FSA2267/FSA2267A
1000
V
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
V
FSA2267
1.65
3.6
V
FSA2267A
2.3
4.3
VIN
Control Input Voltage(3)
0VCC
V
VSW
Switch Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn