Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR345LSKR Datasheet(PDF) 9 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBR345LSKR
Description  SCHOTTKY BARRIER DIODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBR345LSKR Datasheet(HTML) 9 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBR345LSKR Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSKR Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSKR Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSKR Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSKR Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSKR Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSKR Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSKR Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345LSKR Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
R
SBR345L
版本(Rev.):201603F
9/9
附录(Appendix):修订记录(Revision History)
日期
Date
旧版本
Last Rev.
新版本
New Rev.
修订内容
Description of Changes
20150929
201502C 201510D 增加 SMA\SMAF 外型
20151028
201510D 201510E Corrected the mistakes.
20160322
201510E 201603F
修改
SMBF 规格书外形图
注意事项
1.吉林华微电子股份有限公司的产品销售分
为直销和销售代理,无论哪种方式,订货时
请与公司核实。
2.购买时请认清公司商标,如有疑问请与公司
本部联系。
3.在电路设计时请不要超过器件的绝对最大
额定值,否则会影响整机的可靠性。
4.本说明书如有版本变更不另外告知
NOTE
1. Jilin Sino-microelectronics co., Ltd sales its
product either through direct sales or sales
agent , thus, for customers, when ordering ,
please check with our company.
2. We strongly recommend customers check
carefully on the trademark when buying our
product, if there is any question, please don’t
be hesitate to contact us.
3. Please do not exceed the absolute maximum
ratings of the device when circuit designing.
4. Jilin Sino-microelectronics co., Ltd reserves
the right to make changes in this
specification sheet and is subject to change
without prior notice.
联系方式
吉林华微电子股份有限公司
公司地址:吉林省吉林市深圳街
99 号
邮编:
132013
总机:
86-432-64678411
传真:
86-432-64665812
网址:
www.hwdz.com.cn
市场营销部
地址:吉林省吉林市深圳街 99 号
邮编:
132013
电话:
86-432-64675588
64675688
64678411-3098/3099
传真: 86-432-64671533
CONTACT
JILIN SINO-MICROELECTRONICS CO., LTD.
ADD: No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel:86-432-64678411
Fax:86-432-64665812
Web Site:www.hwdz.com.cn
MARKET DEPARTMENT
ADD:No.99 Shenzhen Street, Jilin City, Jilin
Province, China.
Post Code: 132013
Tel:
86-432-64675588
64675688
64678411-3098/3099
Fax: 86-432-64671533


Similar Part No. - SBR345LSKR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SBR30 SEMTECH-SBR30 Datasheet
69Kb / 2P
   STANDARD RECOVERY 1-PHASE SILICON BRIDGE RECTIFIERS
logo
Sanyo Semicon Device
SBR30016JS SANYO-SBR30016JS Datasheet
54Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
logo
SeCoS Halbleitertechnol...
SBR30100 SECOS-SBR30100 Datasheet
159Kb / 2P
   VOLTAGE 100 V 30.0 Amp Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR30100CT DIODES-SBR30100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30100 Rev. 2
logo
Sangdest Microelectroni...
SBR30100CT SMC-SBR30100CT Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - SBR345LSKR

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com