Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR345L Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # SBR345L
Description  SCHOTTKY BARRIER DIODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

SBR345L Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  SBR345L Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345L Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345L Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345L Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345L Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345L Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345L Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345L Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. SBR345L Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
R
SBR345L
版本(Rev.):201603F
5/9
外形尺寸 PACKAGE MECHANICAL DATA
SMB
单位 Unit :mm


Similar Part No. - SBR345L

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SBR30 SEMTECH-SBR30 Datasheet
69Kb / 2P
   STANDARD RECOVERY 1-PHASE SILICON BRIDGE RECTIFIERS
logo
Sanyo Semicon Device
SBR30016JS SANYO-SBR30016JS Datasheet
54Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
logo
SeCoS Halbleitertechnol...
SBR30100 SECOS-SBR30100 Datasheet
159Kb / 2P
   VOLTAGE 100 V 30.0 Amp Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR30100CT DIODES-SBR30100CT Datasheet
179Kb / 3P
   30A SBR Super Barrier Rectifier
SBR30100 Rev. 2
logo
Sangdest Microelectroni...
SBR30100CT SMC-SBR30100CT Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER
More results

Similar Description - SBR345L

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com