Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C86RD4A-1.8TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT93C86RD4A-1.8TE13
Description  16K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86RD4A-1.8TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

  CAT93C86RD4A-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86RD4A-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Copyrights, Trademarks and Patents
Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP ™
AE2
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents
issued to Catalyst Semiconductor contact the Company’s corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS
PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE
RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING
OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a
situation where personal injury or death may occur.
Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets
labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale.
Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate
typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc.
Corporate Headquarters
1250 Borregas Avenue
Sunnyvale, CA 94089
Phone: 408.542.1000
Fax: 408.542.1200
www.catalyst-semiconductor.com
Publication #:
1091
Revison:
M
Issue date:
8/10/04
REVISION HISTORY
e
t
a
Dn
o
i
s
i
v
e
Rs
t
n
e
m
m
o
C
4
0
/
4
1
/
5
0L
s
t
r
a
P
.
6
8
/
6
6
/
7
5
/
6
5
/
6
4
C
3
9
T
A
C
m
o
r
F
d
e
t
a
e
r
C
t
e
e
h
S
a
t
a
D
w
e
N
d
n
a
6
7
C
3
9
T
A
C
,
6
6
C
3
9
T
A
C
,
7
5
C
3
9
T
A
C
,
6
5
C
3
9
T
A
C
,
6
5
C
3
9
T
A
C
s
t
e
e
h
s
a
t
a
d
e
l
g
n
i
s
o
t
n
i
d
e
t
a
t
r
a
p
e
s
n
e
e
b
e
v
a
h
6
8
C
3
9
T
A
C
r
e
t
t
e
L
D
I
n
o
i
s
i
v
e
R
e
i
D
d
d
A
s
e
r
u
t
a
e
F
e
t
a
d
p
U
n
o
i
t
p
i
r
c
s
e
D
e
t
a
d
p
U
n
o
i
t
i
d
n
o
C
n
i
P
e
t
a
d
p
U
m
a
r
g
a
i
D
l
a
n
o
i
t
c
n
u
F
d
d
A
n
o
i
t
c
n
u
F
n
i
P
e
t
a
d
p
U
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
t
a
r
e
p
O
.
C
.
D
e
t
a
d
p
U
e
c
n
a
t
i
c
a
p
a
C
n
i
P
e
t
a
d
p
U
t
e
S
n
o
i
t
c
u
r
t
s
n
I
e
t
a
d
p
U
n
o
i
t
a
r
e
p
O
e
c
i
v
e
D
e
t
a
d
p
U
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
e
t
a
d
p
U
4
0
/
0
1
/
8
0M
t
u
o
n
i
p
e
g
a
k
c
a
P
N
F
D
T
d
e
d
d
A


Similar Part No. - CAT93C86RD4A-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C86 CATALYST-CAT93C86 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86 ONSEMI-CAT93C86 Datasheet
49Kb / 1P
   High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
CAT93C86 ONSEMI-CAT93C86 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
More results

Similar Description - CAT93C86RD4A-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com