Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCV010515D Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCV010515D
Description  Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCV010515D Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DCV010515D Datasheet HTML 3Page - Burr-Brown (TI) DCV010515D Datasheet HTML 4Page - Burr-Brown (TI) DCV010515D Datasheet HTML 5Page - Burr-Brown (TI) DCV010515D Datasheet HTML 6Page - Burr-Brown (TI) DCV010515D Datasheet HTML 7Page - Burr-Brown (TI) DCV010515D Datasheet HTML 8Page - Burr-Brown (TI) DCV010515D Datasheet HTML 9Page - Burr-Brown (TI) DCV010515D Datasheet HTML 10Page - Burr-Brown (TI) DCV010515D Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
DCV01
®
FIGURE 2. Connecting Dual Outputs in Series.
Connecting the DCV01 in Series
Multiple DCV01 isolated 1W DC/DC converters can be
connected in series to provide nonstandard voltage rails.
This is possible by utilizing the floating outputs provided by
the DCV01’s galvanic isolation.
Connect the positive VOUT from one DCV01 to the negative
VOUT (0V) of another (see Figure 1). If the SYNCIN pins are
tied together, the self-synchronization feature of the DCV01
will prevent beat frequencies on the voltage rails. The
SYNCIN feature of the DCV01 allows easy series connec-
tion without external filtering, minimizing cost.
The outputs on dual output DCV01 versions can also be
connected in series to provide two times the magnitude of
VOUT as shown in Figure 2. For example, a dual 15V DCV01
could be connected to provide a 30V rail.
Connecting the DCV01 in Parallel
If the output power from one DCV01 is not sufficient, it is
possible to parallel the outputs of multiple DCV01s, as
shown in Figure 3. Again, the SYNCIN feature allows easy
synchronization to prevent power-rail beat frequencies at no
additional filtering cost.
PCB LAYOUT
Ripple and Noise
Careful consideration should be given to the layout of the
PCB in order that the best results can be obtained.
The DCV01 is a switching power supply and as such can
place high peak current demands on the input supply. In
order to avoid the supply falling momentarily during the fast
switching pulses ground and power planes should be used to
track the power to the input of DCV01. If this is not possible
then the supplies must be connected in a star formation with
the tracks made as wide as possible.
If the SYNCIN pin is being used then the tracking between
device SYNCIN pins should be short to avoid stray capaci-
tance. If the SYNCIN pin is not being used it is advisable to
place a guard ring, (connected to input ground) around this
pin to avoid any noise pick up.
The output should be taken from the device using ground
and power planes, this will ensure minimum losses.
A good quality low ESR capacitor placed as close as
practicable across the input will reduce reflected ripple and
ensure a smooth start up.
A good quality low ESR capacitor placed as close as
practicable across the rectifier output terminal and output
ground will give the best ripple and noise performance.
THERMAL MANAGEMENT
Due to the high power density of this device it is advisable
to provide ground planes on the input and output.
FIGURE 3. Connecting Multiple DCV01s in Parallel.
DCV
01
+V
OUT
V
SUPPLY
+V
OUT
–V
OUT
–V
OUT
0V
V
S
0V
COM
DCV
01
0V
0V
V
OUT
V
SUPPLY
V
S
0V
DCV
01
V
OUT
2 x Power Out
SYNC
IN
SYNC
IN
V
S
0V
COM


Similar Part No. - DCV010515D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCV010515D TI1-DCV010515D Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
logo
Burr-Brown (TI)
DCV010515DP BURR-BROWN-DCV010515DP Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010515DP-U BURR-BROWN-DCV010515DP-U Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCV010515D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com