Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB13AN06A0 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDB13AN06A0
Description  N-Channel PowerTrench MOSFET 60V, 62A, 13.5mohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB13AN06A0 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDB13AN06A0 Datasheet HTML 1Page - Fairchild Semiconductor FDB13AN06A0 Datasheet HTML 2Page - Fairchild Semiconductor FDB13AN06A0 Datasheet HTML 3Page - Fairchild Semiconductor FDB13AN06A0 Datasheet HTML 4Page - Fairchild Semiconductor FDB13AN06A0 Datasheet HTML 5Page - Fairchild Semiconductor FDB13AN06A0 Datasheet HTML 6Page - Fairchild Semiconductor FDB13AN06A0 Datasheet HTML 7Page - Fairchild Semiconductor FDB13AN06A0 Datasheet HTML 8Page - Fairchild Semiconductor FDB13AN06A0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
FDB13AN06A0 / FDP13AN06A0 Rev. A1
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching
Capability
Figure 7. Transfer Characteristics
Figure 8. Saturation Characteristics
Figure 9. Drain to Source On Resistance vs Drain
Current
Figure 10. Normalized Drain to Source On
Resistance vs Junction Temperature
Typical Characteristics T
C = 25°C unless otherwise noted
0.1
1
10
100
1000
1
10
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
SINGLE PULSE
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
10
µs
1ms
DC
100
µs
10ms
1
10
100
0.01
0.1
1
10
100
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
0
20
40
60
80
100
3456
7
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = 15V
TJ = 175
oC
TJ = 25
oC
TJ = -55
oC
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 6V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 5V
TC = 25
oC
VGS = 20V
VGS = 10V
10
15
20
25
0
10203040506070
30
ID, DRAIN CURRENT (A)
VGS = 6V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.5
1.0
1.5
2.0
2.5
TJ, JUNCTION TEMPERATURE (
oC)
VGS = 10V, ID =62A
-80
-40
0
40
80
120
160
200
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX


Similar Part No. - FDB13AN06A0

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB13AN06A0 ISC-FDB13AN06A0 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDB13AN06A0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDD5690 FAIRCHILD-FDD5690 Datasheet
206Kb / 7P
   60V N-Channel PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com