Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4855 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN4855
Description  500mA High Efficiency Boost Regulator with Adjustable Output, Shutdown and Low Battery Detect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4855 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN4855 Datasheet HTML 4Page - Fairchild Semiconductor FAN4855 Datasheet HTML 5Page - Fairchild Semiconductor FAN4855 Datasheet HTML 6Page - Fairchild Semiconductor FAN4855 Datasheet HTML 7Page - Fairchild Semiconductor FAN4855 Datasheet HTML 8Page - Fairchild Semiconductor FAN4855 Datasheet HTML 9Page - Fairchild Semiconductor FAN4855 Datasheet HTML 10Page - Fairchild Semiconductor FAN4855 Datasheet HTML 11Page - Fairchild Semiconductor FAN4855 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
www.fairchildsemi.com
FAN4855 Rev. 1.0.1
Block Diagram
Functional Description
Boost Regulator
FAN4855 is an adjustable boost regulator that combines
variable ON and minimum OFF architecture with syn-
chronous rectification. Unique control circuitry provides
high-efficiency power conversion for both light and heavy
loads by transitioning between discontinuous and contin-
uous conduction mode based on load conditions. There
is no oscillator; a constant-peak-current limit of 0.8A in
the inductor allows the inductor current to vary between
this peak limit and some lesser value. The switching fre-
quency depends upon the load, the input and output volt-
age ranging up to 430kHz.
The input voltage VIN comes to VIN pin and through the
external inductor to the VL pin of the device. The loop
from VOUT closes through the external resistive voltage
divider to the feedback pin VFB. The transfer ratio of this
divider determines the output voltage. When VFB voltage
drops below the VREF = 1.24V the error amplifier A1 sig-
nals to regulator to deliver charge to the output by trig-
gering the Variable On-Time One Shot. One Shot
generates a pulse at the gate of the Power NMOS tran-
sistor Q1. This transistor will charge the Inductor L1 for
the time interval TON resulting in a peak current given by:
When the one–shot times out, the Q1 transistor releases
the VL pin, allowing the inductor to fly-back and momen-
tarly charge the output through the body diode of the
transistor Q2. But, as the voltage across the Q2 changes
polarity, its gate will be driven low by the Synchronous
Rectifier Control Circuit (SRC), causing Q2 to short out
its body diode. The inductor then delivers the charge to
the load by discharging into it through Q2.
Under light load conditions, the amount of energy deliv-
ered in this single pulse satisfies the voltage-control loop,
and the converter does not command any more energy
pulses until the output drops again below the lower-volt-
age threshold. Under medium and heavy loads, a single
energy pulse is not sufficient to force the output voltage
above its upper threshold before the minimum off time
has expired and a second charge cycle is commanded.
Since the inductor current has not reached zero in this
case, the peak current is greater than the previous value
at the end of the second cycle. The result is a ratcheting
of inductor current until either the output voltage is satis-
fied, or the converter reaches its set current limit.
After a period of time TOFF > 1µS, determined by Mini-
mum Off–Time Logic and if VOUT is low (VFB < VREF), the
Variable On-Time One Shot will be turned ON again and
the process repeats.
The output capacitor of the converter filters the variable
component, limiting the output voltage ripple to a value
determined by its capacitance and its ESR.
LBO
SHDN
Start-Up
Minimum
Off-Time
Logic
Variable
On-Time
One Shot
Current
Limit
Control
Synchronous
Rectifier
Control
47
2
6
5
8
3
1
VIN
VL
VOUT
ILIMIT
ILIMIT
VREF
VOUT
GND
VFB
ILIMIT SHDN
N1
LBI
Q1
Q2
0.39V
A3
Control
Logic
A2
A1
+
+
+
SHDN
I
L PEAK
()
T
ON
V
IN
×
L
1
--------------------------
=


Similar Part No. - FAN4855

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4852 FAIRCHILD-FAN4852 Datasheet
3Mb / 16P
   9MHz Low-Power Dual CMOS Amplifier
logo
ON Semiconductor
FAN4852 ONSEMI-FAN4852 Datasheet
1Mb / 18P
   9MHz Low-Power Dual CMOS Amplifier
June 2011 Rev. 4.0.0
logo
Fairchild Semiconductor
FAN4852IMU8X FAIRCHILD-FAN4852IMU8X Datasheet
3Mb / 16P
   9MHz Low-Power Dual CMOS Amplifier
logo
ON Semiconductor
FAN4852IMU8X ONSEMI-FAN4852IMU8X Datasheet
1Mb / 18P
   9MHz Low-Power Dual CMOS Amplifier
June 2011 Rev. 4.0.0
More results

Similar Description - FAN4855

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
   Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Micro Linear Corporatio...
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Detect
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4950 MICRO-LINEAR-ML4950 Datasheet
290Kb / 10P
   Adjustable Output, Low Current Single Cell Boost Regulator with Detect
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
   Adjustable Output Low Voltage Boost Regulator
ML4790 MICRO-LINEAR-ML4790 Datasheet
192Kb / 10P
   Adjustable Output, Low Ripple Boost Regulator
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
   Low Voltage Boost Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com