Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4855 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN4855
Description  500mA High Efficiency Boost Regulator with Adjustable Output, Shutdown and Low Battery Detect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4855 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN4855 Datasheet HTML 1Page - Fairchild Semiconductor FAN4855 Datasheet HTML 2Page - Fairchild Semiconductor FAN4855 Datasheet HTML 3Page - Fairchild Semiconductor FAN4855 Datasheet HTML 4Page - Fairchild Semiconductor FAN4855 Datasheet HTML 5Page - Fairchild Semiconductor FAN4855 Datasheet HTML 6Page - Fairchild Semiconductor FAN4855 Datasheet HTML 7Page - Fairchild Semiconductor FAN4855 Datasheet HTML 8Page - Fairchild Semiconductor FAN4855 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
FAN4855 Rev. 1.0.1
Recommended Operating Conditions
Electrical Characteristics
Unless otherwise specified, VIN = 1.6V to 3V, ILOAD = 1mA, TA = -40°C to +85°C. Test Circuit Fig.1. Typical values are at
TA = +25°C
Notes:
1. R4, R5, R6 tolerance
≤ 0.1%.
2. Current through R1, R2 is not taken into account.
Parameter
Min.
Max.
Units
Ambient Temperature Range
-40
+85
°C
VIN Operating Range
1.6
0.9 VOUT
V
VOUT Operating Range
3.0
5.0
V
Parameter
Conditions
Min.
Typ.
Max.
Units
Start Up Voltage
ILOAD < 1mA
1.35
1.6
V
Operating Voltage
After start ILOAD =10mA, VOUT = 3.3V or 5V
1.0
V
Output Voltage
VOUT(nom.) = 3.3V (Note 1)
VOUT(nom.) = 5V
3.15
4.775
3.3
5
3.45
5.225
V
V
Output Voltage Adjust Range
3
5
V
Steady State Output Current
VOUT = 3.3V, VIN = 2.5V
300
500
mA
VOUT = 5V, VIN = 2.5V
200
330
mA
Pulse Width
VIN = 3V
0.8
1.4
2
µs
VIN = 2.4V
1.2
1.7
2.5
µs
VIN = 1.8V
1.6
2.2
3.3
µs
VIN = 1.6V
1.7
2.5
4.0
µs
Minimum Off-Time
1
µs
Line Regulation
IOUT = 2mA, VOUT = 3.3V
0.5
2
%
VOUT = 5V
0.5
2
%
Load Regulation
0 to 250mA, VIN = 2.4V, VOUT = 3.3V
0.5
%
0 to 150mA, VIN = 2.4V, VOUT = 5V
1
%
Feedback Voltage (VFB)
1.243
V
LBI Threshold Voltage
0.390
V
LBI Hysteresys
25
mV
Internal NFET, PFET ON Resist.
ILOAD = 100mA
0.35
Power Efficiency
ILOAD = 200mA, VIN = 3V, VOUT = 3.3V
95
%
Input Current in Shut Down Mode
SHDN = 0V, VIN = 3V (Note 2)
8
50
µA
Quiescent Current
SHDN = 3V, VIN = 3V, VOUT = 3.3V
(Note 2)
80
160
µA
LBO Output Voltage Low
VLBI = 0, ISINK = 1mA
0.2
V
SHDN Input Threshold Voltage
VIN = 3V, VOUT = 3.3V/5V
1.5
V
SHDN Input Threshold Voltage
VIN = 1.6V, VOUT = 3.3V/5V
0.8
V


Similar Part No. - FAN4855

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4852 FAIRCHILD-FAN4852 Datasheet
3Mb / 16P
   9MHz Low-Power Dual CMOS Amplifier
logo
ON Semiconductor
FAN4852 ONSEMI-FAN4852 Datasheet
1Mb / 18P
   9MHz Low-Power Dual CMOS Amplifier
June 2011 Rev. 4.0.0
logo
Fairchild Semiconductor
FAN4852IMU8X FAIRCHILD-FAN4852IMU8X Datasheet
3Mb / 16P
   9MHz Low-Power Dual CMOS Amplifier
logo
ON Semiconductor
FAN4852IMU8X ONSEMI-FAN4852IMU8X Datasheet
1Mb / 18P
   9MHz Low-Power Dual CMOS Amplifier
June 2011 Rev. 4.0.0
More results

Similar Description - FAN4855

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4854 FAIRCHILD-ML4854 Datasheet
133Kb / 13P
   Adjustable, Low-Current, 2-Cell Boost Regulator with Shutdown and Low Battery Detect
logo
Micro Linear Corporatio...
ML4961 MICRO-LINEAR-ML4961 Datasheet
206Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Detect
ML4775 MICRO-LINEAR-ML4775 Datasheet
177Kb / 8P
   Adjustable Output Low Voltage Boost Regulator with Shutdown
ML4950 MICRO-LINEAR-ML4950 Datasheet
290Kb / 10P
   Adjustable Output, Low Current Single Cell Boost Regulator with Detect
ML4761 MICRO-LINEAR-ML4761 Datasheet
200Kb / 8P
   Adjustable Output Low Voltage Boost Regulator
ML4790 MICRO-LINEAR-ML4790 Datasheet
192Kb / 10P
   Adjustable Output, Low Ripple Boost Regulator
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
   Low Voltage Boost Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733_15 Datasheet
349Kb / 13P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
logo
Micro Linear Corporatio...
ML4872 MICRO-LINEAR-ML4872 Datasheet
249Kb / 9P
   High Current Boost Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com