Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2828 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ES2828
Description  V.90 PCI DSP Modem Solution
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES2828 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ES2828 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES2828 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ESS Technology, Inc.
SAM0402-050301
5
ES2898/ES2828 PRODUCT BRIEF
Table 2 ES2828 Pin Descriptions
Names
Pin Numbers
I/O
Definitions
DPBX
1
I
Digital PBX detection.
ACLINK/GPIO_B
2
I/O
Default for CHI bus mode (internal pulldown). Pull high for AC-Link mode.
DVDD
3, 23, 29
P
3.3V digital power.
AGND
4:6, 18
I
Analog ground.
AUX+
7
I
Codec analog auxiliary differential positive input. The DC level is Vcm, and the full-scale input is
either 0.22 Vp-p ±5% or 1.1 Vp-p±5%, depending on the gain setting.
AUX-
8
I
Codec analog auxiliary differential negative input. The DC level is Vcm, and the full-scale input is
either 0.22 Vp-p ±5% or 1.1 Vp-p±5%, depending on the gain setting.
RXIN+
9
I
Codec analog differential positive input. The DC level is Vcm, and the full-scale input is either 0.22
Vp-p ±5% or 1.1 Vp-p±5%, depending on the gain setting.
RXIN-
10
I
Codec analog differential negative input. The DC level is Vcm, and the full-scale input is either
0.22 Vp-p ±5% or 1.1 Vp-p±5%, depending on the gain setting.
AVDD
11
I
Analog 5.0V supply.
VCM
12
O
Common mode voltage bypass 1. Has a range of 2.16V±5%. Bypass to VCBP with 0.1-
µF
ceramic chip capacitor parallel with 10-
µF tantalum capacitor.
VCBP
13
I
Ground pin for VCM.
VREF
14
O
Voltage reference bypass. Has a range of 1.2356V±5%. Bypass to VRBP with 0.1-
µF ceramic
chip capacitor parallel with 10-
µF tantalum capacitor.
VRBP
15
I
Ground pin for VREF.
TX+
16
O
Codec positive analog output. The DC level is Vcm, and the full-scale ac output is either 2.8V
p-p±5% or 1.4V p-p±5%, depending on the gain setting. The maximum loading is 1k
Ω, in parallel
with 20 pF for modem applications. For audio applications with low-impedance load, the maximum
distortion-free (THD <–60 db) current is 10 mA rms.
TX-
17
O
Codec negative analog output. The DC level is Vcm, and the full-scale ac output is either 2.8V
p-p±5% or 1.4V p-p±5%, depending on the gain setting. The maximum loading is 1k
Ω, in parallel
with 20 pF for modem applications. For audio applications with low-impedance load, the maximum
distortion-free (THD <–60 db) current is 10 mA rms.
VCMX
19
O
Codec common mode reference voltage output. 2.16V±5%, maximum current ±500
µA, maximum
capacitive load 20 pF.
HCT
20
I
Codec digital input mode control.
DGND
21, 44
P
Digital ground.
CTST
22
I
Codec sigma delta modulator test port output enable.
SI
24
I
Serial port input (default).
SO
25
O
Serial port output without VAUX support.
SC
26
I/O
Serial port clock output. While input must be TTL-compatible, should be able to handle 3.3V input.
FS
27
O
Serial port frame sync.
CKO
28
O
3.3V clock output.
XTALO
30
O
24.576-MHz crystal oscillator output.
XTALI
31
I
24.576-MHz crystal oscillator input.
RST#
32
I
Reset.


Similar Part No. - ES2828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2838 ETC-ES2838 Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
ES2838S ETC-ES2838S Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
ES2839 ETC-ES2839 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
ES2839S ETC-ES2839S Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
ES2840 ETC-ES2840 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
More results

Similar Description - ES2828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2839 ETC-ES2839 Datasheet
54Kb / 4P
   V.90/V.92 PCI HSP Modem Solution
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
List of Unclassifed Man...
ES2838 ETC-ES2838 Datasheet
310Kb / 4P
   V.90/V.92 PCI HSP Modem Product Brief
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
logo
Filtran LTD
7197 FILTRAN-7197 Datasheet
183Kb / 1P
   V.90 Modem transformer
6647 FILTRAN-6647 Datasheet
87Kb / 1P
   V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
   V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
   V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com