Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF06-10006F1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-10006F1
Description  6 LINES EMI FILTER AND ESD PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-10006F1 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-10006F1 Datasheet HTML 1Page - STMicroelectronics EMIF06-10006F1 Datasheet HTML 2Page - STMicroelectronics EMIF06-10006F1 Datasheet HTML 3Page - STMicroelectronics EMIF06-10006F1 Datasheet HTML 4Page - STMicroelectronics EMIF06-10006F1 Datasheet HTML 5Page - STMicroelectronics EMIF06-10006F1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EMIF06-10006F1
4/6
Oi * = Output of each cell
Ii* = Input of each cell
Oi*
Cz=41pF@0V
Cz=41pF@0V
sub
Rs=100
Lbump
Rbump
Rsub
Cbump
Ii*
Rsub
Lbump
Rbump
Cbump
sub
Lbump
Rbump
sub
Rsub
Lgnd
Rgnd
Cgnd
Cgnd
Cgnd
EMIF06-10006F1 model
Ground return for each GND bump
Aplac model
aplacvar Rs
100
aplacvar Cz
41 pF
aplacvar Lbump
50 pH
aplacvar Rbump
20 m
aplacvar Cbump
1.2 pF
aplacvar Rsub
100 m
aplacvar Rgnd
100 m
aplacvar Lgnd
100 pH
aplacvar Cgnd
0.15 pF
Aplac parameters


Similar Part No. - EMIF06-10006F1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
   6 line EMI filter and ESD protection
More results

Similar Description - EMIF06-10006F1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMIF06 ETC-EMIF06 Datasheet
214Kb / 6P
   6 LINES EMI FILTER AND ESD PROTECTION
logo
STMicroelectronics
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2 Datasheet
197Kb / 7P
   6 LINES EMI FILTER INCLUDING ESD PROTECTION
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2 Datasheet
124Kb / 6P
   6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
February 2005 REV. 1
EMIF06-VID01C1 STMICROELECTRONICS-EMIF06-VID01C1 Datasheet
124Kb / 6P
   6 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF11-10002C4 STMICROELECTRONICS-EMIF11-10002C4 Datasheet
305Kb / 6P
   9 LINES EMI FILTER AND ESD PROTECTION
EMIF10-LCD01F1 STMICROELECTRONICS-EMIF10-LCD01F1 Datasheet
224Kb / 6P
   10 LINES EMI FILTER AND ESD PROTECTION
EMIF10-LCD01C1 STMICROELECTRONICS-EMIF10-LCD01C1 Datasheet
109Kb / 7P
   10 LINES EMI FILTER AND ESD PROTECTION
September 2004 REV. 1
EMIF04-10006F1 STMICROELECTRONICS-EMIF04-10006F1 Datasheet
241Kb / 6P
   4 LINES EMI FILTER AND ESD PROTECTION
EMIF04-VID01C1 STMICROELECTRONICS-EMIF04-VID01C1 Datasheet
132Kb / 6P
   4 LINES LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
EMIF06-10006F2 STMICROELECTRONICS-EMIF06-10006F2 Datasheet
241Kb / 9P
   6 line EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com