Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCC1006820KZF Datasheet(PDF) 1 Page - Superworld Electronics

Part No. RCC1006820KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC1006820KZF Datasheet(HTML) 1 Page - Superworld Electronics

  RCC1006820KZF Datasheet HTML 1Page - Superworld Electronics RCC1006820KZF Datasheet HTML 2Page - Superworld Electronics RCC1006820KZF Datasheet HTML 3Page - Superworld Electronics RCC1006820KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
2. CONFIGURATION & DIMENSIONS :
15.0±3.0
A
B
C
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) CORE
(b) WIRE
(c) LEAD
(d) INK
3. SCHEMATIC :
5. GENERAL SPECIFICATION :
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
6.4±0.5
10.0±0.5
Unit:m/m
a
b
c
RADIAL CHOKE COIL
6.0±0.5
R C C 1 0 0 6 1 0 1 M Z F
A
C
B
1
4
2
3
0.65±0.10
F
2
4
(e) X, Y, Z : Standard part
(c) Inductance code : 101 = 100uH
(a) Series code
(b) Dimension code
(f) F : Lead Free
(d) Tolerance code : K = ±10%, M = ±20%
(f)
d
RCC1006 SERIES
15.09.2016
b) TEMP. RISE : 40°C MAX. AT RATED CURRENT
a) ΔL/L0A : 10% MAX. AT RATED CURRENT
c) STORAGE TEMP.-40°C TO 125°C
d) OPERATING TEMP.-40°C TO 85°C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn