Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCC1006820KZF Datasheet(PDF) 3 Page - Superworld Electronics

Part No. RCC1006820KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC1006820KZF Datasheet(HTML) 3 Page - Superworld Electronics

  RCC1006820KZF Datasheet HTML 1Page - Superworld Electronics RCC1006820KZF Datasheet HTML 2Page - Superworld Electronics RCC1006820KZF Datasheet HTML 3Page - Superworld Electronics RCC1006820KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 3
7. CHARACTERISTICS CURVES :
RADIAL CHOKE COIL
DC CURRENT (A)
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
10
FREQUENCY(MHZ)
3
10-3
100
10-2
5
10
-1
5
3
5
3
5
3
10
0
3
10
1
2
10
5
(uH)
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
L
100M
330K
10
1
5
3
3
5
102K
101K
331K
3
102
103
5
104
5
3
0 0
1
2
(°C)
Δt
20
40
30
60
50
70
331K
90
80
102K
101K
10
DC CURRENT (A)
10-3
100
-2
10
3 5
3 5
5
5
3
-1
3
10
0
3
10
1
102
5
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
10
1
5
3
3
5
100M
330K
(uH)
L
3
2
10
3
10
5
331K
101K
102K
4
10
5
3
3
4
5
6
330K
100M
RCC1006 SERIES
15.09.2016


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn