Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RCC1006820KZF Datasheet(PDF) 2 Page - Superworld Electronics

Part No. RCC1006820KZF
Description  RADIAL CHOKE COIL
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SUPERWORLD [Superworld Electronics]
Homepage  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

RCC1006820KZF Datasheet(HTML) 2 Page - Superworld Electronics

  RCC1006820KZF Datasheet HTML 1Page - Superworld Electronics RCC1006820KZF Datasheet HTML 2Page - Superworld Electronics RCC1006820KZF Datasheet HTML 3Page - Superworld Electronics RCC1006820KZF Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
RADIAL CHOKE COIL
1.30
0.320
1V/1K
100±10%
2.200
1V/1K
680±10%
1000±10%
820±10%
3.200
2.600
1V/1K
1V/1K
270±10%
560±10%
390±10%
330±10%
470±10%
180±10%
150±10%
120±10%
220±10%
0.920
1V/1K
1.100
1.300
1.500
1.900
1V/1K
1V/1K
1V/1K
1V/1K
0.380
0.560
0.500
0.780
1V/1K
1V/1K
1V/1K
1V/1K
0.43
0.36
0.40
0.69
0.52
0.48
0.62
0.57
0.84
0.76
1.20
1.00
RCC1006330KZF
RCC1006100MZF
0.058
1V/2.52M
15±20%
1V/2.52M
1V/2.52M
1V/2.52M
1V/2.52M
1V/2.52M
1V/2.52M
1V/2.52M
1V/2.52M
1V/2.52M
39±10%
47±10%
68±10%
56±10%
82±10%
18±20%
27±20%
22±20%
33±10%
0.140
0.160
0.190
0.220
0.290
0.088
0.110
0.100
0.064
1V/2.52M
1V/2.52M
10±20%
12±20%
0.040
0.044
2.90
1.80
1.40
1.30
1.70
1.50
2.00
2.20
2.40
2.70
3.60
3.30
Part No.
RDC
Max.
( Ω )
Inductance
( μH )
Test
Frequency
( Hz )
IDC
( A )
Max.
RCC1006120MZF
RCC1006150MZF
RCC1006180MZF
RCC1006220MZF
RCC1006270MZF
RCC1006390KZF
RCC1006470KZF
RCC1006560KZF
RCC1006680KZF
RCC1006820KZF
RCC1006101KZF
RCC1006121KZF
RCC1006151KZF
RCC1006181KZF
RCC1006221KZF
RCC1006271KZF
RCC1006331KZF
RCC1006391KZF
RCC1006471KZF
RCC1006561KZF
RCC1006681KZF
RCC1006821KZF
RCC1006102KZF
RCC1006 SERIES
15.09.2016
RECOMMENDED SOLDERING CONDITIONS
REFLOW SOLDERINGS
cooling
230°C
40s max.
150°C
Pre-heating
90 to 120s
180°C
10s max.
260°C
Natural


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn