Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C86RD4I-1.8TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT93C86RD4I-1.8TE13
Description  16K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C86RD4I-1.8TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT93C86RD4I-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT93C86RD4I-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT93C86RD4I-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT93C86RD4I-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT93C86RD4I-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C86RD4I-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C86RD4I-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C86RD4I-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C86RD4I-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
CAT93C86
Doc. No. 1091, Rev. M
A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.4V to 2.4V
4.5V
≤ VCC ≤ 5.5V
Timing Reference Voltages
0.8V, 2.0V
4.5V
≤ VCC ≤ 5.5V
Input Pulse Voltages
0.2VCC to 0.7VCC
1.8V
≤ VCC ≤ 4.5V
Timing Reference Voltages
0.5VCC
1.8V
≤ VCC ≤ 4.5V
POWER-UP TIMING (1)(2)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
(3) The input levels and timing reference points are shown in “AC Test Conditions” table.
DEVICE OPERATION
The CAT93C86 is a 16,384-bit nonvolatile memory
intended for use with industry standard microproces-
sors. The CAT93C86 can be organized as either regis-
ters of 16 bits or 8 bits. When organized as X16, seven
13-bit instructions control the reading, writing and erase
operations of the device. When organized as X8, seven
14-bit instructions control the reading, writing and erase
operations of the device. The CAT93C86 operates on
a single power supply and will generate on chip, the high
voltage required during any write operation.
Instructions, addresses, and write data are clocked into
the DI pin on the rising edge of the clock (SK). The DO
pin is normally in a high impedance state except when
reading data from the device, or when checking the
ready/busy status after a write operation.
The ready/busy status can be determined after the start
of a write operation by selecting the device (CS high) and
polling the DO pin; DO low indicates that the write
operation is not completed, while DO high indicates that
the device is ready for the next instruction. If necessary,
the DO pin may be placed back into a high impedance
state during chip select by shifting a dummy “1” into the
DI pin. The DO pin will enter the high impedance state on
the falling edge of the clock (SK). Placing the DO pin into
the high impedance state is recommended in applica-
tions where the DI pin and the DO pin are to be tied
together to form a common DI/O pin.
The format for all instructions sent to the device is a
logical "1" start bit, a 2-bit (or 4-bit) opcode, 10-bit
address (an additional bit when organized X8) and for
write operations a 16-bit data field (8-bit for X8
organizations).
Note: The Write, Erase, Write all and Erase all instructions
require PE=1. If PE is left floating, 93C86 is in Program
Enabled mode. For Write Enable and Write Disable
instruction PE=don’t care.
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the CAT93C86 will
come out of the high impedance state and, after sending
an initial dummy zero bit, will begin shifting out the data
addressed (MSB first). The output data bits will toggle on
the rising edge of the SK clock and are stable after the
specified time delay (tPD0 or tPD1).
After the initial data word has been shifted out and CS
remains asserted with the SK clock continuing to toggle,
the device will automatically increment to the next address
and shift out the next data word in a sequential READ
mode. As long as CS is continuously asserted and SK
continues to toggle, the device will keep incrementing to
the next address automatically until it reaches to the end
of the address space, then loops back to address 0. In
the sequential READ mode, only the initial data word is
preceeded by a dummy zero bit. All subsequent data
words will follow without a dummy zero bit.
Write
After receiving a WRITE command, address and the
data, the CS (Chip Select) pin must be deselected for a
minimum of tCSMIN. The falling edge of CS will start the
self clocking clear and data store cycle of the memory
location specified in the instruction. The clocking of the
SK pin is not necessary after the device has entered the
self clocking mode. The ready/busy status of the
CAT93C86 can be determined by selecting the device
and polling the DO pin. Since this device features Auto-
Clear before write, it is NOT necessary to erase a
memory location before it is written into.


Similar Part No. - CAT93C86RD4I-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT93C86 CATALYST-CAT93C86 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86 ONSEMI-CAT93C86 Datasheet
49Kb / 1P
   High Speed Operation: 4 MHz (5 V), 2 MHz (1.8 V) Sequential Read
6/13/2013
CAT93C86 ONSEMI-CAT93C86 Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
More results

Similar Description - CAT93C86RD4I-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
   16K Microwire Compatible Serial EEPROM
2005
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com