Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3702YDBP-28 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3702YDBP-28
Description  Microprocessor Supervisory Circuits with Low Line Output and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3702YDBP-28 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3702YDBP-28 Datasheet HTML 2Page - National Semiconductor (TI) LM3702YDBP-28 Datasheet HTML 3Page - National Semiconductor (TI) LM3702YDBP-28 Datasheet HTML 4Page - National Semiconductor (TI) LM3702YDBP-28 Datasheet HTML 5Page - National Semiconductor (TI) LM3702YDBP-28 Datasheet HTML 6Page - National Semiconductor (TI) LM3702YDBP-28 Datasheet HTML 7Page - National Semiconductor (TI) LM3702YDBP-28 Datasheet HTML 8Page - National Semiconductor (TI) LM3702YDBP-28 Datasheet HTML 9Page - National Semiconductor (TI) LM3702YDBP-28 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LM3702/LM3703 Series Electrical Characteristics (Continued)
Limits in the standard typeface are for T
J = 25˚C and limits in boldface type apply over full operating range. Unless otherwise
specified: V
CC = +2.2V to 5.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MR
V
MRT
MR Input
Threshold
MR, Low
0.8
V
MR, High
2.0
V
MRTH
MR Threshold
Hysteresis
MR falling: V
CC =VRST MAX to 5.5V
0.0032
V
RST
mV
R
MR
MR Pull-up
Resistance
35
56
75
k
t
MD
MR to Reset
Delay
12
µS
t
MR
MR Pulse Width
25
µS
LLO
V
OL
LLO Output
Voltage
V
CC > 2.25V, ISINK = 900µA
0.3
V
V
CC > 2.7V, ISINK = 1.2mA
0.3
V
CC > 4.5V, ISINK = 3.2mA
0.4
V
OH
V
CC > 2.25V, ISOURCE = 300µA
0.8 V
CC
V
CC > 2.7V, ISOURCE = 500µA
0.8 V
CC
V
CC > 4.5V, ISOURCE = 800µA
V
CC − 1.5V
LLO OUTPUT
V
LLOT
LLO Output
Threshold
(V
LLO −VRST,VCC
falling)
1.01
V
RST
1.02
V
RST
1.03
V
RST
V
V
LLOTH
Low-Line
Comparator
Hysteresis
0.0032
V
RST
mV
t
CD
Low-Line
Comparator Delay
V
CC falling at 1mV/µs
20
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device
is intended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the
listed conditions.
Note 2: The Human Body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin.
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ-A,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperture is calculated using:
Where the value of
θJ-A for the micro SMD package is 220˚C/W.
www.national.com
6


Similar Part No. - LM3702YDBP-28

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3700 NSC-LM3700 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
logo
Texas Instruments
LM3700 TI-LM3700 Datasheet
246Kb / 12P
[Old version datasheet]   LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
LM3700XCBP-290 TI-LM3700XCBP-290 Datasheet
246Kb / 12P
[Old version datasheet]   LM3700/LM3701 Microprocessor Supervisory Circuit with Low Line Output
logo
National Semiconductor ...
LM3700XCBP-308 NSC-LM3700XCBP-308 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
LM3700XCBPX-308 NSC-LM3700XCBPX-308 Datasheet
195Kb / 12P
   Microprocessor Supervisory Circuit with Low Line Output
More results

Similar Description - LM3702YDBP-28

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3709 NSC-LM3709 Datasheet
232Kb / 11P
   Microprocessor Supervisory Circuits with Low Line Output, Manual Reset and Watchdog Timer
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
   Microprocessor Supervisory with Manual Reset Input
logo
ams AG
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
   Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Texas Instruments
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
[Old version datasheet]   LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
   Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
   Microprocessor Supervisory with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com