Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M1639VTR Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # SLG59M1639VTR
Description  Reverse-current/voltage Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1639VTR Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button SLG59M1639VTR Datasheet HTML 3Page - Dialog Semiconductor SLG59M1639VTR Datasheet HTML 4Page - Dialog Semiconductor SLG59M1639VTR Datasheet HTML 5Page - Dialog Semiconductor SLG59M1639VTR Datasheet HTML 6Page - Dialog Semiconductor SLG59M1639VTR Datasheet HTML 7Page - Dialog Semiconductor SLG59M1639VTR Datasheet HTML 8Page - Dialog Semiconductor SLG59M1639VTR Datasheet HTML 9Page - Dialog Semiconductor SLG59M1639VTR Datasheet HTML 10Page - Dialog Semiconductor SLG59M1639VTR Datasheet HTML 11Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
000-0059M1639-106
Page 10 of 11
SLG59M1639V
Tape and Reel Specifications
Carrier Tape Drawing and Dimensions
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 0.88 mm3 (nominal). More
information can be found at www.jedec.org.
Package
Type
# of
Pins
Nominal
Package Size
[mm]
Max Units
Reel &
Hub Size
[mm]
Leader (min)
Trailer (min)
Tape
Width
[mm]
Part
Pitch
[mm]
per Reel per Box
Pockets
Length
[mm]
Pockets
Length
[mm]
STDFN 8L
1x1.6mm
0.4P FCD
Green
8
1.0 x 1.6 x 0.55
3,000
3,000
178 / 60
100
400
100
400
8
4
Package
Type
PocketBTM
Length
PocketBTM
Width
Pocket
Depth
Index Hole
Pitch
Pocket
Pitch
Index Hole
Diameter
Index Hole
to Tape
Edge
Index Hole
to Pocket
Center
Tape Width
A0
B0
K0
P0
P1
D0
E
F
W
STDFN 8L
1x1.6mm
0.4P FCD
Green
1.12
1.72
0.7
4
4
1.55
1.75
3.5
8


Similar Part No. - SLG59M1639VTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1639VTR RENESAS-SLG59M1639VTR Datasheet
597Kb / 15P
   Ultra-small 2-Channel 45 mΩ/2 A Load Switch with Reverse-Current Blocking
4-Feb-2022
More results

Similar Description - SLG59M1639VTR

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-13R1 SII-S-13R1 Datasheet
2Mb / 49P
   REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
1Mb / 30P
   Reverse current protection
July 2014 Rev 1
logo
Seiko Instruments Inc
S13R1 SII-S13R1 Datasheet
972Kb / 49P
   REVERSE CURRENT PROTECTION
logo
STMicroelectronics
EVAL-VNH5019-P2 STMICROELECTRONICS-EVAL-VNH5019-P2 Datasheet
88Kb / 3P
   Reverse-voltage protection
logo
Maxim Integrated Produc...
MAX14912EVKIT MAXIM-MAX14912EVKIT Datasheet
5Mb / 24P
   Reverse-Voltage Protection
Rev 0; 3/16
logo
Unisonic Technologies
LR1803G-XX-AB5-R UTC-LR1803G-XX-AB5-R Datasheet
228Kb / 7P
   The reverse current protection
logo
Maxim Integrated Produc...
MAX14914EVKIT MAXIM-MAX14914EVKIT Datasheet
1Mb / 10P
   Reverse Supply Voltage Protection
Rev 1; 8/20
logo
Gaomi Xinghe Electronic...
DB157 GXELECTRONICS-DB157 Datasheet
312Kb / 2P
   REVERSE VOLTAGE FORWARD CURRENT
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com