Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE2511 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE2511
Description  Silicon Complementary Transistors High Frequency Video Output for HDTV
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE2511 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Emitter Saturation Voltage
NTE2511
VCE(sat)
IC = 100mA, IB = 10mA
0.6
V
NTE2512
0.8
V
Base Emitter Saturation Voltage
VBE(sat)
IC = 100mA, IB = 10mA
1.0
V
Collector Base Breakdown Voltage
V(BR)CBO IC = 10µA, IE = 0
80
V
Collector Emitter Breakdown Voltage
V(BR)CEO IC = 1mA, RBE = ∞
60
V
Emitter Base Breakdown Voltage
V(BR)EBO IE = 100µA, IC = 0
4
V
Output Capacitance
NTE2511
Cob
VCB = 30V, f = 1MHz
3.4
pF
NTE2512
5.2
pF
Reverse Transfer Capacitance
NTE2511
Cre
VCB = 30V, f = 1MHz
2.9
pF
NTE2512
4.6
pF
.330 (8.38)
Max
.450
(11.4)
Max
.655
(16.6)
Max
.130 (3.3)
Max
.175
(4.45)
Max
.030 (.762) Dia
.090 (2.28)
.118 (3.0)
Dia
EC
B


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn