Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4-1414992-7 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 4-1414992-7
Description  Power Relay F4 A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4-1414992-7 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  4-1414992-7 Datasheet HTML 1Page - TE Connectivity Ltd 4-1414992-7 Datasheet HTML 2Page - TE Connectivity Ltd 4-1414992-7 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
12-2017, Rev. 1217
www.te.com
© 2017 TE Connectivity.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
■ Pin assignment similar to ISO 7588 part 1
■ Plug-in terminals
■ Customized versions on request
– Integrated components (e.g. resistor, diode)
– Customized marking
– Special covers (e.g. brackets, shrouded)
Typical applications
Cross carline up to 40A for example: ABS control, blower fans, car alarm,
cooling fan, Electric Power Steering, energy management, engine control,
fuel pump, heated front screen, lamps: front, rear, fog light, main switch/
supply relay, valves, wiper control.
Contact Data
Contact arrangement
1 form C, 1 CO
1 form A, 1 NO
Rated voltage
12VDC
Limiting continuous current,
form A/form B
NO/NC
NO
23°C
60/45A
60A
85°C
40/30A
40A
125°C
17/12A
17A
Limiting making current1),
form A/form B
120/45A
120A
Limiting breaking current,
form A/form B
60/40A
60A
Limiting short-time current
overload current, ISO 8820-32)
1.35 x 40A, 1800s
2.00 x 40A, 60s
6.00 x 40A, 1s
Jump start test, ISO 16750-1
24VDC for 5min,
conducting nominal current at 23°C
Contact material
silver based
Min. recommended contact load3)
1A at 5VDC
Initial voltage drop at 10A,
form A (NO) contact, typ./max.
15mV/200mV
form B (NC) contact, typ./max.
20mV/250mV
Frequency of operation at nominal load
6 ops./min (0.1Hz)
Operate/release time typ.
7/2ms4)
Contact Data (continued)
Electrical endurance5)
>1x105 ops.
resistive load, form A (NO) contact
40A, 14VDC
resistive load, form B (NC) contact
30A, 14VDC
Mechanical endurance
>1x106 ops.
1) The values apply to a resistive or inductive load with suitable spark suppression and at
maximum 14VDC load voltages. For a load current duration of maximum 3s for a make/
break ratio of 1:10.
2) Current and time are compatible with circuit protection by a typical automotive fuse.
Relay will make, carry and break the specified current.
3) See chapter Diagnostics of Relays in our Application Notes or consult the internet at
http://relays.te.com/appnotes/
4) For unsuppressed relay coil. Any parallel device to the coil will increase the release time.
5) Electrical endurance data is not valid for diode versions. Any diode or pn-junction
parallel to the coil (internal or external) will significantly decrease the electrical lifetime,
especially when used for inductive loads.
Coil Data
Rated coil voltage
12VDC
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance6)
power6)
VDC
VDC
VDC
Ω±10%
W
001
12
7.2
1.6
114
1.3
004
12
7.2
1.2
90
1.6
6) Without components in parallel.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Power Relay F4 A
Automotive Relays
Plug-in Mini ISO Relays
Load limit curve 1: arc extinguishes during transit time (changeover contact).
Load limit curve 2: safe shutdown, no stationary arc (make contact).
Load limit curves measured with low inductive resistors verified for 1000 switching events.
Max. DC load breaking capacity
Coil operating range
Does not take into account
the temperature rise due to
the contact current
E = pre-energization
TEVF4_OVR1
Does not take into account the temperature rise due to the contact current
E = pre-energization.
136-A_fbw1


Similar Part No. - 4-1414992-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1414992-3 MACOM-4-1414992-3 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
TE Connectivity Ltd
4-1414992-3 TEC-4-1414992-3 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
4-1414992-3 TEC-4-1414992-3 Datasheet
481Kb / 4P
   Automotive Relays Plug-in Mini ISO Relays
More results

Similar Description - 4-1414992-7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
V23134 MACOM-V23134_12 Datasheet
738Kb / 4P
   Power Relay F4 Plug-in Mini ISO Relays Automotive Relays
logo
ZETTLER Electronics
AZSR250 ZETTLER-AZSR250 Datasheet
532Kb / 2P
   50 A (35 A) POWER RELAY
AZSR235 ZETTLER-AZSR235 Datasheet
532Kb / 2P
   50 A (35 A) POWER RELAY
logo
PHOENIX CONTACT
2744089 PHOENIX-2744089 Datasheet
116Kb / 4P
   SUBCON-PLUS F4
logo
Fujitsu Component Limit...
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
   POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
logo
Panasonic Semiconductor
DK18-L2-12V-F PANASONIC-DK18-L2-12V-F Datasheet
131Kb / 5P
   10 A MINIATURE POWER RELAY
logo
Linx Technologies
EVM-GPS-F4 LINX-EVM-GPS-F4 Datasheet
937Kb / 7P
   F4 Series Evaluation Module
2016
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com