Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M1527VTR Datasheet(PDF) 11 Page - Dialog Semiconductor

Part # SLG59M1527VTR
Description  Dual 4.5A GreenFET 3 Load Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1527VTR Datasheet(HTML) 11 Page - Dialog Semiconductor

Back Button SLG59M1527VTR Datasheet HTML 3Page - Dialog Semiconductor SLG59M1527VTR Datasheet HTML 4Page - Dialog Semiconductor SLG59M1527VTR Datasheet HTML 5Page - Dialog Semiconductor SLG59M1527VTR Datasheet HTML 6Page - Dialog Semiconductor SLG59M1527VTR Datasheet HTML 7Page - Dialog Semiconductor SLG59M1527VTR Datasheet HTML 8Page - Dialog Semiconductor SLG59M1527VTR Datasheet HTML 9Page - Dialog Semiconductor SLG59M1527VTR Datasheet HTML 10Page - Dialog Semiconductor SLG59M1527VTR Datasheet HTML 11Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
000-0059M1527-104
Page 11 of 11
SLG59M1527V
Revision History
Date
Version
Change
3/17/16
1.04
Added RDSon @ 4.5 A
Added Application Notes
Added RDSon vs IDS chart
12/15/15
1.03
Added Marking Information
4/20/14
1.02
Updated Block Diagram to seperate CAP and OUT lines from Charge Pump
10/8/14
1.01
Updated VD Min from 1.0 V to 0.9 V
4/21/14
1.0
Production Release


Similar Part No. - SLG59M1527VTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1527VTR RENESAS-SLG59M1527VTR Datasheet
609Kb / 15P
   Dual 4.5 A Load Switch
3-Feb-2022
More results

Similar Description - SLG59M1527VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1526V DIALOG-SLG59M1526V Datasheet
153Kb / 10P
   Dual 4.5A GreenFET 3 Load Switch
SLG59M1804V DIALOG-SLG59M1804V Datasheet
206Kb / 11P
   Dual 4.5A GreenFET 3 Load Switch
logo
Renesas Technology Corp
SLG59M1526V RENESAS-SLG59M1526V Datasheet
358Kb / 11P
   Dual 4.5A GreenFET Load Switch
February 4, 2022
SLG59M1804V RENESAS-SLG59M1804V Datasheet
497Kb / 12P
   Dual 4.5A GreenFET Load Switch
February 8, 2022
logo
Dialog Semiconductor
SLG59M1599V DIALOG-SLG59M1599V Datasheet
179Kb / 9P
   Ultra-small Dual 40 m廓 1.0 A GreenFET 3 Load Switch
SLG5NT1581V DIALOG-SLG5NT1581V Datasheet
151Kb / 9P
   7.3 m廓, 9 A GreenFET 3 Load Switch with Discharge
SLG59M1568V DIALOG-SLG59M1568V Datasheet
142Kb / 11P
   7.3 m廓, 9 A GreenFET 3 Load Switch with Discharge
SLG59M1556V DIALOG-SLG59M1556V Datasheet
168Kb / 8P
   Ultra-small 15.5 m廓 2.0 A GreenFET 3 Load Switch
SLG59M1442V DIALOG-SLG59M1442V Datasheet
207Kb / 9P
   Ultra-small 40 m廓 1.0 A GreenFET 3 Load Switch
logo
Renesas Technology Corp
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
   Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com