Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M1515V Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG59M1515V
Description  20 m廓, 2.0 A Fast Turn On Integrated Power Switch with Discharge
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1515V Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG59M1515V Datasheet HTML 1Page - Dialog Semiconductor SLG59M1515V Datasheet HTML 2Page - Dialog Semiconductor SLG59M1515V Datasheet HTML 3Page - Dialog Semiconductor SLG59M1515V Datasheet HTML 4Page - Dialog Semiconductor SLG59M1515V Datasheet HTML 5Page - Dialog Semiconductor SLG59M1515V Datasheet HTML 6Page - Dialog Semiconductor SLG59M1515V Datasheet HTML 7Page - Dialog Semiconductor SLG59M1515V Datasheet HTML 8Page - Dialog Semiconductor SLG59M1515V Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silego Technology, Inc.
Rev 1.01
000-0059M1515-101
Revised August 14, 2015
20 m
Ω, 2.0 A Fast Turn On
Integrated Power Switch with Discharge
SLG59M1515V
Block Diagram
General Description
The SLG59M1515V is a 20 m
Ω 2.0 A single-channel power
switch with configurable slew rate control. The device can en-
able fast power rail turn on with big cap loading. Internal circuit
limits max inrush current to prevent device damage. The prod-
uct is packaged in an ultra-small 1.0x1.6mm package.
Features
1.0 x 1.6 x 0.55 mm STDFN 8L package (2 fused pins for
drain and 2 fused pins for source)
Logic level ON pin capable of supporting 0.85 V CMOS
Logic
Discharged Load when off
Fast Turn On time
•25
μs, Tune Cap = 0.1 nF, C
LOAD = 1 μF @ 100 mA
•95
μs, Tune Cap = 0.5 nF, C
LOAD = 10 μF @ 2.5 A
Low RDSONwhile supporting 2.0 A
•20 m
Ω, V
DD = 5 V, VD = 1 V
• 27.5 m
Ω, V
DD = 3.3 V, VD = 1 V
Pb-Free / Halogen-Free / RoHS compliant
Operating Temperature: -40
°C to 85°C
Operating Voltage: 2.5 V to 5.5 V
Power Rail Switching VD = 0.85 V to VD = VDD - 1.5 V
Pin Configuration
Applications
Fast Turn On/Off power rail switching with big Cap loading
Frequent wake & sleep power cycle
Mobile devices and portable devices
8-pin STDFN
(Top View)
VDD
1
CAP
GND
D
ON
2
3
7
8
D
4
S
S
5
6
D
S
ON
Input
Circuit
VDD
+2.5 V to 5.5 V
2.0 A @ 20 m
Ω
TUNE CAP


Similar Part No. - SLG59M1515V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1515V RENESAS-SLG59M1515V Datasheet
348Kb / 10P
   20 mW, 2.0 A Fast Turn On Load Switch with Discharge
February 14, 2022
SLG59M1515VTR RENESAS-SLG59M1515VTR Datasheet
348Kb / 10P
   20 mW, 2.0 A Fast Turn On Load Switch with Discharge
February 14, 2022
More results

Similar Description - SLG59M1515V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT1533V DIALOG-SLG5NT1533V Datasheet
124Kb / 10P
   20 m廓 Fast Turn On 2.5 A Integrated Power Switch with Discharge
logo
Renesas Technology Corp
SLG59M1515V RENESAS-SLG59M1515V Datasheet
348Kb / 10P
   20 mW, 2.0 A Fast Turn On Load Switch with Discharge
February 14, 2022
logo
Dialog Semiconductor
SLG59M1460V DIALOG-SLG59M1460V Datasheet
104Kb / 8P
   30 m廓, 2.0 A Nanopower Mobile Integrated Power Switch with Discharge
logo
Renesas Technology Corp
SLG5NT1533V RENESAS-SLG5NT1533V Datasheet
635Kb / 16P
   20 mΩ, Fast Turn On, 2.5 A Load Switch with Discharge
3-Feb-2022
logo
Dialog Semiconductor
SLG7NT402V DIALOG-SLG7NT402V Datasheet
130Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
   Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
SLG59M1557V DIALOG-SLG59M1557V Datasheet
210Kb / 10P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch with Discharge
SLG59M1495V DIALOG-SLG59M1495V Datasheet
208Kb / 9P
   Ultra-small 80 m廓, 1.0 A Integrated Power Switch with Discharge
SLG5NT1734V DIALOG-SLG5NT1734V Datasheet
560Kb / 17P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch with Discharge
SLG5NT1547V DIALOG-SLG5NT1547V Datasheet
191Kb / 9P
   Ultra-small 80 m廓, 1.0 A Integrated Power Switch with Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com