Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M1460VTR Datasheet(PDF) 7 Page - Dialog Semiconductor

Part # SLG59M1460VTR
Description  30 m廓, 2.0 A Nanopower Mobile Integrated Power Switch with Discharge
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1460VTR Datasheet(HTML) 7 Page - Dialog Semiconductor

  SLG59M1460VTR Datasheet HTML 1Page - Dialog Semiconductor SLG59M1460VTR Datasheet HTML 2Page - Dialog Semiconductor SLG59M1460VTR Datasheet HTML 3Page - Dialog Semiconductor SLG59M1460VTR Datasheet HTML 4Page - Dialog Semiconductor SLG59M1460VTR Datasheet HTML 5Page - Dialog Semiconductor SLG59M1460VTR Datasheet HTML 6Page - Dialog Semiconductor SLG59M1460VTR Datasheet HTML 7Page - Dialog Semiconductor SLG59M1460VTR Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
000-0059M1460-101
Page 7 of 8
SLG59M1460V
Tape and Reel Specifications
Carrier Tape Drawing and Dimensions
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 0.88 mm3 (nominal). More
information can be found at www.jedec.org.
Package
Type
# of
Pins
Nominal
Package Size
[mm]
Max Units
Reel &
Hub Size
[mm]
Leader (min)
Trailer (min)
Tape
Width
[mm]
Part
Pitch
[mm]
per Reel
per Box
Pockets
Length
[mm]
Pockets
Length
[mm]
STDFN 8L
1x1.6mm
0.4P FC
Green
8
1.0 x 1.6 x 0.55
3,000
3,000
178 / 60
100
400
100
400
8
4
Package
Type
PocketBTM
Length
PocketBTM
Width
Pocket
Depth
Index Hole
Pitch
Pocket
Pitch
Index Hole
Diameter
Index Hole
to Tape
Edge
Index Hole
to Pocket
Center
Tape Width
A0
B0
K0
P0
P1
D0
E
F
W
STDFN 8L
1x1.6mm
0.4P FC
Green
1.12
1.72
0.7
4
4
1.55
1.75
3.5
8


Similar Part No. - SLG59M1460VTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1460VTR RENESAS-SLG59M1460VTR Datasheet
327Kb / 9P
   30 mW, 2.0 A Nanopower Mobile Load Switch with Discharge
February 14, 2022
More results

Similar Description - SLG59M1460VTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1460V RENESAS-SLG59M1460V Datasheet
327Kb / 9P
   30 mW, 2.0 A Nanopower Mobile Load Switch with Discharge
February 14, 2022
logo
Dialog Semiconductor
SLG59M1470V DIALOG-SLG59M1470V Datasheet
149Kb / 9P
   9.8 m Nanopower Mobile 6.0 A Load Switch with Discharge
SLG5NT1477V DIALOG-SLG5NT1477V Datasheet
149Kb / 9P
   9.8 m Nanopower Mobile 6.0 A Load Switch with Discharge
SLG59M1515V DIALOG-SLG59M1515V Datasheet
122Kb / 9P
   20 m廓, 2.0 A Fast Turn On Integrated Power Switch with Discharge
logo
Renesas Technology Corp
SLG59M1470V RENESAS-SLG59M1470V Datasheet
482Kb / 13P
   9.8 mΩ, Nanopower Mobile 6 A Load Switch with Discharge
2-Feb-2022
SLG5NT1477V RENESAS-SLG5NT1477V Datasheet
503Kb / 13P
   9.8 mΩ, Nanopower Mobile 6 A Load Switch with Discharge
2-Feb-2022
logo
Dialog Semiconductor
SLG7NT402V DIALOG-SLG7NT402V Datasheet
130Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
   Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
SLG59M1557V DIALOG-SLG59M1557V Datasheet
210Kb / 10P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch with Discharge
SLG59M1495V DIALOG-SLG59M1495V Datasheet
208Kb / 9P
   Ultra-small 80 m廓, 1.0 A Integrated Power Switch with Discharge
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com