Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M1460V Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLG59M1460V
Description  30 m廓, 2.0 A Nanopower Mobile Integrated Power Switch with Discharge
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1460V Datasheet(HTML) 8 Page - Dialog Semiconductor

  SLG59M1460V Datasheet HTML 1Page - Dialog Semiconductor SLG59M1460V Datasheet HTML 2Page - Dialog Semiconductor SLG59M1460V Datasheet HTML 3Page - Dialog Semiconductor SLG59M1460V Datasheet HTML 4Page - Dialog Semiconductor SLG59M1460V Datasheet HTML 5Page - Dialog Semiconductor SLG59M1460V Datasheet HTML 6Page - Dialog Semiconductor SLG59M1460V Datasheet HTML 7Page - Dialog Semiconductor SLG59M1460V Datasheet HTML 8Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
000-0059M1460-101
Page 8 of 8
SLG59M1460V
Revision History
Date
Version
Change
11/5/2015
1.01
Updated VD min to 0.85 V
9/14/2015
1.00
Production Release


Similar Part No. - SLG59M1460V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1460V RENESAS-SLG59M1460V Datasheet
327Kb / 9P
   30 mW, 2.0 A Nanopower Mobile Load Switch with Discharge
February 14, 2022
SLG59M1460VTR RENESAS-SLG59M1460VTR Datasheet
327Kb / 9P
   30 mW, 2.0 A Nanopower Mobile Load Switch with Discharge
February 14, 2022
More results

Similar Description - SLG59M1460V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1460V RENESAS-SLG59M1460V Datasheet
327Kb / 9P
   30 mW, 2.0 A Nanopower Mobile Load Switch with Discharge
February 14, 2022
logo
Dialog Semiconductor
SLG59M1470V DIALOG-SLG59M1470V Datasheet
149Kb / 9P
   9.8 m Nanopower Mobile 6.0 A Load Switch with Discharge
SLG5NT1477V DIALOG-SLG5NT1477V Datasheet
149Kb / 9P
   9.8 m Nanopower Mobile 6.0 A Load Switch with Discharge
SLG59M1515V DIALOG-SLG59M1515V Datasheet
122Kb / 9P
   20 m廓, 2.0 A Fast Turn On Integrated Power Switch with Discharge
logo
Renesas Technology Corp
SLG59M1470V RENESAS-SLG59M1470V Datasheet
482Kb / 13P
   9.8 mΩ, Nanopower Mobile 6 A Load Switch with Discharge
2-Feb-2022
SLG5NT1477V RENESAS-SLG5NT1477V Datasheet
503Kb / 13P
   9.8 mΩ, Nanopower Mobile 6 A Load Switch with Discharge
2-Feb-2022
logo
Dialog Semiconductor
SLG7NT402V DIALOG-SLG7NT402V Datasheet
130Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
   Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
SLG59M1557V DIALOG-SLG59M1557V Datasheet
210Kb / 10P
   Ultra-small 28.5 m廓, 1.0 A Integrated Power Switch with Discharge
SLG59M1495V DIALOG-SLG59M1495V Datasheet
208Kb / 9P
   Ultra-small 80 m廓, 1.0 A Integrated Power Switch with Discharge
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com