Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M1457VTR Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # SLG59M1457VTR
Description  Ultra-small 7.8 m廓 6 A Load Switch with Discharge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M1457VTR Datasheet(HTML) 2 Page - Dialog Semiconductor

  SLG59M1457VTR Datasheet HTML 1Page - Dialog Semiconductor SLG59M1457VTR Datasheet HTML 2Page - Dialog Semiconductor SLG59M1457VTR Datasheet HTML 3Page - Dialog Semiconductor SLG59M1457VTR Datasheet HTML 4Page - Dialog Semiconductor SLG59M1457VTR Datasheet HTML 5Page - Dialog Semiconductor SLG59M1457VTR Datasheet HTML 6Page - Dialog Semiconductor SLG59M1457VTR Datasheet HTML 7Page - Dialog Semiconductor SLG59M1457VTR Datasheet HTML 8Page - Dialog Semiconductor SLG59M1457VTR Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
000-0059M1457-103
Page 2 of 11
SLG59M1457V
Pin Description
Ordering Information
Pin #
Pin Name
Type
Pin Description
1
VDD
PWR
VDD power for load switch control (2.5 V to 5.5 V)
2
ON
Input
Turns MOSFET ON (4 M
Ω pull down resistor)
CMOS input with VIL < 0.3 V, VIH > 0.85 V
3
D
MOSFET
Drain of Power MOSFET (fused with pin 4)
4
D
MOSFET
Drain of Power MOSFET (fused with pin 3)
5
S
MOSFET
Source of Power MOSFET (fused with pin 6)
6
S
MOSFET
Source of Power MOSFET (fused with pin 5)
7
CAP
Input
Capacitor for controlling power rail ramp rate
8
GND
GND
Ground
Part Number
Type
Production Flow
SLG59M1457V
FC-TDFN 8L
Industrial, -40
°C to 85 °C
SLG59M1457VTR
FC-TDFN 8L (Tape and Reel)
Industrial, -40
°C to 85 °C


Similar Part No. - SLG59M1457VTR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M1457VTR RENESAS-SLG59M1457VTR Datasheet
539Kb / 15P
   An Ultra-small 3 mm2, 7.8 mΩ, 6 A, Internally-protected Load Switch with Discharge
3-Feb-2022
More results

Similar Description - SLG59M1457VTR

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1456V DIALOG-SLG59M1456V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 5 A Load Switch with Discharge
SLG5NT1487V DIALOG-SLG5NT1487V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 5 A Load Switch with Discharge
SLG59M307V DIALOG-SLG59M307V Datasheet
121Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG5NV1430V DIALOG-SLG5NV1430V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG59M301V DIALOG-SLG59M301V Datasheet
127Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
logo
Renesas Technology Corp
SLG5NT1461V RENESAS-SLG5NT1461V Datasheet
301Kb / 12P
   Ultra-small 7.8 mW 6 A Load Switch with Discharge
February 7, 2022
logo
Dialog Semiconductor
SLG59M308V DIALOG-SLG59M308V Datasheet
135Kb / 11P
   Industrial Temperature Ultra-small 7.8 m廓 3 A Load Switch with Discharge
SLG59M309V DIALOG-SLG59M309V Datasheet
146Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch
SLG7NT402V DIALOG-SLG7NT402V Datasheet
130Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
   Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com