Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0211000015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 0211000015
Description  2.54mm FFC Jumper, 8 Circuits, 152.40m Length
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX1 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0211000015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0211000015_17 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/04/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0211000015
Status:
Active
Overview:
Premo-Flex™ Cable Jumpers
Description:
2.54mm FFC Jumper, 8 Circuits, 152.40m Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
21100
Crimp Quality Equipment
Yes
Geographic Area
Americas
Overview
Premo-Flex™ Cable Jumpers
Product Name
Premo-Flex FFC Jumper
UPC
822348064021
Physical
Cable Length
152.40m
Circuits (Loaded)
N/A
Circuits (maximum)
8
Packaging Type
Bag
Pitch - Termination Interface
2.54mm
Temperature Range - Operating
N/A
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
21100-0015
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
21100 Series
Use With
Any 1.25mm Pitch Molex FFC/FPC
Connector|Custom Specific Developed FFC
Connectors
This document was generated on 10/04/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn