Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DSP56166 Datasheet(PDF) 5 Page - Motorola, Inc

Part No. DSP56166
Description  16-bit General Purpose Digital Signal Processor
Download  63 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

DSP56166 Datasheet(HTML) 5 Page - Motorola, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
5
DSP56166
MOTOROLA
PRELIMINARY
Figure 3 DSP56166 Pinout
MODA/IRQA
MODB/IRQB
MODC/IRQC
RESET
EXTAL
CLKO
SXFC
VddS
GNDS
A0-A15
D0-D15
Vdd Add/Data
Vss Add/Data
BS
PS/DS
PEREN
WR
RD
R/W
TA
BR
BG
BB
Vdd Control
Vss Control
DSI/OS0
DSCK/OS1
DSO
DR
Quiet Vdd
Vss
PB0-PB7
PB8
PB9
PB10
PB11
PB12
PB13
PB14
H0-H7
HA0
HA1
HA2
HR/W
HEN
HREQ
HACK
Vdd Port B
Vss Port B
STD0
SRD0
SCK0
SFS0
STD1
SRD1
SCK1
SFS1
TIN
TOUT
Mic
Aux
SPKP
SPKM
Vrad
Vrda
Vdiv
VddA
VssA
Vdd port C
Vss Port C
PC0
PC1
PC2
PC4
PC5
PC6
PC7
PC9
PC10
PC11
PORT A
Host
Parallel
Interface
On-chip
Emulation
External
Bus
56 pins
(42 func.
5Vdd;9Vss)
Timer
Interrupt
and Mode
Control
Clock
and PLL
8
1
4
1
2
2
1
2
1
1
112 pins
(85 functional pins
16 ground pins
9 power pins
1 Aground pins
1 Apower pin)
Two
Serial
Interfaces
DSP56166
On-chip
Codec
1
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn