Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M611V Datasheet(PDF) 10 Page - Dialog Semiconductor

Part # SLG59M611V
Description  Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M611V Datasheet(HTML) 10 Page - Dialog Semiconductor

Back Button SLG59M611V Datasheet HTML 3Page - Dialog Semiconductor SLG59M611V Datasheet HTML 4Page - Dialog Semiconductor SLG59M611V Datasheet HTML 5Page - Dialog Semiconductor SLG59M611V Datasheet HTML 6Page - Dialog Semiconductor SLG59M611V Datasheet HTML 7Page - Dialog Semiconductor SLG59M611V Datasheet HTML 8Page - Dialog Semiconductor SLG59M611V Datasheet HTML 9Page - Dialog Semiconductor SLG59M611V Datasheet HTML 10Page - Dialog Semiconductor SLG59M611V Datasheet HTML 11Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
000-0059M611-102
Page 10 of 11
SLG59M611V
Tape and Reel Specifications
Carrier Tape Drawing and Dimensions
Recommended Reflow Soldering Profile
Please see IPC/JEDEC J-STD-020: latest revision for reflow profile based on package volume of 2.25 mm3 (nominal). More
information can be found at www.jedec.org.
Package
Type
# of
Pins
Nominal
Package Size
[mm]
Max Units
Reel &
Hub Size
[mm]
Leader (min)
Trailer (min)
Tape
Width
[mm]
Part
Pitch
[mm]
per Reel
per Box
Pockets
Length
[mm]
Pockets
Length
[mm]
TDFN 8L
FC Green
8
1.5 x 2.0 x 0.75
3000
3000
178 / 60
100
400
100
400
8
4
Package
Type
PocketBTM
Length
PocketBTM
Width
Pocket
Depth
Index Hole
Pitch
Pocket
Pitch
Index Hole
Diameter
Index Hole
to Tape
Edge
Index Hole
to Pocket
Center
Tape Width
A0
B0
K0
P0
P1
D0
E
F
W
TDFN 8L
FC Green
1.68
2.18
0.9
4
4
1.5
1.75
3.5
8
P1
E
P0
A0
D0
Y
Y
K0
Section Y-Y
CL
Refer to EIA-481 specification


Similar Part No. - SLG59M611V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M610V DIALOG-SLG59M610V Datasheet
130Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
logo
Dialog Semiconductor
SLG59M610VTR DIALOG-SLG59M610VTR Datasheet
130Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG59M610VTR RENESAS-SLG59M610VTR Datasheet
301Kb / 12P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
More results

Similar Description - SLG59M611V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
   Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M610V DIALOG-SLG59M610V Datasheet
130Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG5NT1437V DIALOG-SLG5NT1437V Datasheet
147Kb / 10P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
logo
Dialog Semiconductor
SLG59M1563V DIALOG-SLG59M1563V Datasheet
94Kb / 9P
   Ultra-small 22.5 m 2.5 A Load Switch with Reverse Blocking
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1638V DIALOG-SLG59M1638V Datasheet
270Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1640V DIALOG-SLG59M1640V Datasheet
267Kb / 12P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG5NT1586V DIALOG-SLG5NT1586V Datasheet
91Kb / 8P
   Ultra-small 22.5 m廓 2.5 A Integrated Power Switch with Reverse Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com