Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M611V Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG59M611V
Description  Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M611V Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG59M611V Datasheet HTML 1Page - Dialog Semiconductor SLG59M611V Datasheet HTML 2Page - Dialog Semiconductor SLG59M611V Datasheet HTML 3Page - Dialog Semiconductor SLG59M611V Datasheet HTML 4Page - Dialog Semiconductor SLG59M611V Datasheet HTML 5Page - Dialog Semiconductor SLG59M611V Datasheet HTML 6Page - Dialog Semiconductor SLG59M611V Datasheet HTML 7Page - Dialog Semiconductor SLG59M611V Datasheet HTML 8Page - Dialog Semiconductor SLG59M611V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Silego Technology, Inc.
Rev 1.02
000-0059M611-102
Revised April 28, 2016
Ultra-small 22 m
Ω 4 A Load Switch
with Reverse Current Blocking
SLG59M611V
Block Diagram
General Description
The SLG59M611V is a 22 m
Ω 4 A single-channel load switch
that is able to switch 1 to 5 V power rails. The product is pack-
aged in an ultra-small 1.5 x 2.0 mm package.
Features
1.5 x 2.0 mm FC-TDFN 8L package (2 fused pins for drain
and 2 fused pins for source)
Logic level ON pin capable of supporting 0.85 V CMOS
Logic
User selectable ramp rate with external capacitor
22 m
Ω RDS
ONwhile supporting 4 A
Two Over Current Protection Modes
• Short Circuit Current Limit
• Active Current Limit
Over Temperature Protection
Pb-Free / Halogen-Free / RoHS compliant
Operating Temperature: -40
°C to 85°C
Operating Voltage: 2.5 V to 5.5 V
Pin Configuration
Applications
Notebook Power Rail Switching
Tablet Power Rail Switching
Smartphone Power Rail Switching
8-pin FC-TDFN
(Top View)
VDD
1
CAP
GND
VIN
ON
2
3
7
8
VIN
4
VOUT
VOUT
5
6
VIN
VOUT
Linear Ramp
Control
CMOS Input
ON
Charge
Pump
+2.5 to 5.5 V
CAP
Over Current and
Over Temperature
Protection
Reverse
Blocking
4 A @ 22 m
Ω


Similar Part No. - SLG59M611V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M610V DIALOG-SLG59M610V Datasheet
130Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
logo
Dialog Semiconductor
SLG59M610VTR DIALOG-SLG59M610VTR Datasheet
130Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG59M610VTR RENESAS-SLG59M610VTR Datasheet
301Kb / 12P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
More results

Similar Description - SLG59M611V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT614V DIALOG-SLG7NT614V Datasheet
116Kb / 10P
   Ultra-small 22 m廓 4 A Load Switch with Reverse Current Blocking
SLG59M610V DIALOG-SLG59M610V Datasheet
130Kb / 11P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
SLG5NT1437V DIALOG-SLG5NT1437V Datasheet
147Kb / 10P
   Ultra-small 22 m廓 4 A Load Switch with Discharge and Reverse Current Blocking
logo
Renesas Technology Corp
SLG5NT1437V RENESAS-SLG5NT1437V Datasheet
296Kb / 11P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 7, 2022
SLG59M610V RENESAS-SLG59M610V Datasheet
301Kb / 12P
   Ultra-small 22 mW 4 A Load Switch with Discharge and Reverse Current Blocking
February 14, 2022
logo
Dialog Semiconductor
SLG59M1563V DIALOG-SLG59M1563V Datasheet
94Kb / 9P
   Ultra-small 22.5 m 2.5 A Load Switch with Reverse Blocking
SLG59M1641V DIALOG-SLG59M1641V Datasheet
489Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1638V DIALOG-SLG59M1638V Datasheet
270Kb / 11P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG59M1640V DIALOG-SLG59M1640V Datasheet
267Kb / 12P
   Ultra-small 2-Channel 45 m廓/2 A Power Switch with Reverse-Current Blocking
SLG5NT1586V DIALOG-SLG5NT1586V Datasheet
91Kb / 8P
   Ultra-small 22.5 m廓 2.5 A Integrated Power Switch with Reverse Blocking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com