Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG59M308V Datasheet(PDF) 5 Page - Dialog Semiconductor

Part # SLG59M308V
Description  Industrial Temperature Ultra-small 7.8 m廓 3 A Load Switch with Discharge
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG59M308V Datasheet(HTML) 5 Page - Dialog Semiconductor

  SLG59M308V Datasheet HTML 1Page - Dialog Semiconductor SLG59M308V Datasheet HTML 2Page - Dialog Semiconductor SLG59M308V Datasheet HTML 3Page - Dialog Semiconductor SLG59M308V Datasheet HTML 4Page - Dialog Semiconductor SLG59M308V Datasheet HTML 5Page - Dialog Semiconductor SLG59M308V Datasheet HTML 6Page - Dialog Semiconductor SLG59M308V Datasheet HTML 7Page - Dialog Semiconductor SLG59M308V Datasheet HTML 8Page - Dialog Semiconductor SLG59M308V Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
000-0059M308-101
Page 5 of 11
SLG59M308V
SLG59M308V Turn ON
The normal power on sequence is first VDD, with VD only being applied after VDD is > 1 V, and then ON after VD is at least 90%
of final value. The normal power off sequence is the power on sequence in reverse.
If VDD and VD are turned on at the same time then it is possible that a voltage glitch will appear on VS before VDD achieves 1V
which is the VT of the main MOSFET. The size of the glitch is dependent on source and drain capacitance loading and the ramp
rate of VDD & VD.
SLG59M308V Turn ON
The VS ramp follows a linear path, not an RC limitation provided the ramp is slow enough to not be current limited by load
capacitance.
SLG59M308V Current Limiting
The SLG59M308V has two forms of current limiting.
Standard Current Limiting Mode
Current is measured by mirroring the current through the main MOSFET. The mirrored current is then sent through a resistor
creating a voltage V(i) proportional to the MOSFET current. The V(i) is then compared with a Band Gap voltage V(BG). If V(i)
exceeds the Band Gap voltage then the voltage V(g) on the gate of the main MOSFET is reduced. The V(g) continues to drop
until V(i) < V(BG). This response is a closed loop response and is therefore very fast and current limits in less than a few
micro-seconds. There is no difference between peak or constant current limit.
Temperature Cutoff
However, as the V(g) drops the Rds(ON) of the main MOSFET will increase, thus limiting the current, but also increasing the
power dissipation of the IC. The IC is very small and cannot dissipate much power. Therefore, if a current limit condition is
sustained the IC will heat up. If the temperature exceeds approximately 120°C, then V(g) will be brought low completely shutting
off the main MOSFET. As the die cools the MOSFET will be turned back on at 100°C.
If the current limiting condition has not been mitigated then the die will again heat up to 120°C and the process will repeat.
Short Circuit Current Limiting Mode
When V(S) < 250 mV, which is the case if there is a solder bridge during the manufacturing process or a hard short on the power
rail, then the current is limited to approximately 500 mA. This current limit is accomplished in the same manner as the Standard
Current Limiting Mode with the exception that the current mirror is 15x greater. Because the current mirror is so much larger, a
15x smaller main MOSFET current is required to generate the same V(i). If V(S) rises above approximately 250 mV, then this
mode is automatically switched out.


Similar Part No. - SLG59M308V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M308V RENESAS-SLG59M308V Datasheet
312Kb / 12P
   Industrial Temperature Ultra-small 7.8 mW 3 A Load Switch with Discharge
August 8, 2022
SLG59M308VTR RENESAS-SLG59M308VTR Datasheet
312Kb / 12P
   Industrial Temperature Ultra-small 7.8 mW 3 A Load Switch with Discharge
August 8, 2022
More results

Similar Description - SLG59M308V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG59M308V RENESAS-SLG59M308V Datasheet
312Kb / 12P
   Industrial Temperature Ultra-small 7.8 mW 3 A Load Switch with Discharge
August 8, 2022
logo
Dialog Semiconductor
SLG59M1456V DIALOG-SLG59M1456V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 5 A Load Switch with Discharge
SLG59M1457V DIALOG-SLG59M1457V Datasheet
131Kb / 11P
   Ultra-small 7.8 m廓 6 A Load Switch with Discharge
SLG5NT1487V DIALOG-SLG5NT1487V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 5 A Load Switch with Discharge
SLG59M307V DIALOG-SLG59M307V Datasheet
121Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG5NV1430V DIALOG-SLG5NV1430V Datasheet
117Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG59M301V DIALOG-SLG59M301V Datasheet
127Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch with Discharge
SLG59M309V DIALOG-SLG59M309V Datasheet
146Kb / 10P
   Ultra-small 7.8 m廓 4 A Load Switch
SLG7NT402V DIALOG-SLG7NT402V Datasheet
130Kb / 11P
   Ultra-small 7.8 m廓, 4 A Integrated Power Switch with Discharge
SLG59M1496V DIALOG-SLG59M1496V Datasheet
128Kb / 10P
   Ultra-small 7.8 m廓, 5.3 A Integrated Power Switch with Discharge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com