Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT41502 Datasheet(PDF) 6 Page - Dialog Semiconductor

Part # SLG7NT41502
Description  CURIE BASED WEARABLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT41502 Datasheet(HTML) 6 Page - Dialog Semiconductor

Back Button SLG7NT41502 Datasheet HTML 2Page - Dialog Semiconductor SLG7NT41502 Datasheet HTML 3Page - Dialog Semiconductor SLG7NT41502 Datasheet HTML 4Page - Dialog Semiconductor SLG7NT41502 Datasheet HTML 5Page - Dialog Semiconductor SLG7NT41502 Datasheet HTML 6Page - Dialog Semiconductor SLG7NT41502 Datasheet HTML 7Page - Dialog Semiconductor SLG7NT41502 Datasheet HTML 8Page - Dialog Semiconductor SLG7NT41502 Datasheet HTML 9Page - Dialog Semiconductor SLG7NT41502 Datasheet HTML 10Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SLG7NT41502
CURIE BASED WEARABLE
SLG7NT41502_DS_r104
Page 6
6
VACMP0
Analog Comparator
Threshold Voltage
Low to High transition,
at temperature 25°C.
3532.7
3582.9
3633.1
mV
Low to High transition,
at temperature -40 +85°C (note 1)
3519.7
3579.8
3644.2
High to Low transition,
at temperature 25°C
2948.8
2991.5
3034.2
High to Low transition,
at temperature -40 +85°C (note 1)
2937.1
2988.1
3040.9
GACMP0
Analog Comparator0
IN+ gain
ACMP 0
--
0.33
--
VHYST
Analog Comparator
Hysteresis Voltage
(note 1)
ACMP 0
--
200
--
mV
RPULL_UP
Internal Pull Up
Resistance
Pull up on PIN 2, 3
70
100
130
k
RPULL_DOWN
Internal Pull Down
Resistance
Pull down on PINs 5, 6
70
100
130
k
RDIS
Discharge
Resistance
External resistor on PIN7, PIN12 and PIN13
270
--
--
Ω
TCNT0
Counter0 Period
(WS Ctrl)
At temperature 25°C
153.14
176.87
207.44
ms
At temperature -40°C +85°C (note 1)
153.14
178.87
217.81
TDLY1
Delay1 Time
At temperature 25°C
195.04
200.45
206.90
ms
At temperature -40°C +85°C (note 1)
184.59
200.45
216.47
TDLY2
Delay2 Time
At temperature 25°C
486.52
500.02
516.10
ms
At temperature -40°C +85°C (note 1)
460.44
500.02
539.10
TDLY3
Delay3 Time
At temperature 25°C
195.04
200.45
206.90
ms
At temperature -40°C +85°C (note 1)
184.59
200.45
216.47
TSU
Start up Time
From VDD rising past PONTHR
0.462
1.4
4.999
ms
PONTHR
Power On Threshold
VDD Level Required to Start Up the Chip
0.961
1.312
1.659
V
POFFTHR
Power Off Threshold
VDD Level Required to Switch Off the Chip
0.875
1.109
1.288
V
1. Guaranteed by Design.
2. No hysteresis for Low Voltage Digital Input


Similar Part No. - SLG7NT41502

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT41502V RENESAS-SLG7NT41502V Datasheet
832Kb / 10P
   CURIE BASED WEARABLE
February 25, 2022
SLG7NT41502VTR RENESAS-SLG7NT41502VTR Datasheet
832Kb / 10P
   CURIE BASED WEARABLE
February 25, 2022
More results

Similar Description - SLG7NT41502

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG7NT41502V RENESAS-SLG7NT41502V Datasheet
832Kb / 10P
   CURIE BASED WEARABLE
February 25, 2022
logo
STMicroelectronics
STEVAL-ISB038V1R STMICROELECTRONICS-STEVAL-ISB038V1R Datasheet
767Kb / 6P
   1 W Wearable wireless charger receiver based on STWLC04
November 2016 Rev 2
STEVAL-ISB038V1T STMICROELECTRONICS-STEVAL-ISB038V1T Datasheet
1Mb / 7P
   1 W wearable wireless power transmitter based on STWBC-WA
November 2016 Rev 2
logo
OmniVision Technologies...
OVM6211 OMNIVISION-OVM6211 Datasheet
1Mb / 2P
   Wearable Devices
OV6946 OMNIVISION-OV6946 Datasheet
774Kb / 2P
   Wearable Devices
OVM9724 OMNIVISION-OVM9724 Datasheet
714Kb / 2P
   Wearable Devices
logo
STMicroelectronics
STEVAL-ISB038V1 STMICROELECTRONICS-STEVAL-ISB038V1 Datasheet
724Kb / 9P
   1 W wearable wireless power system based on STWBC-WA and STWLC04
November 2016 Rev 3
logo
Maxim Integrated Produc...
MAX14676 MAXIM-MAX14676 Datasheet
304Kb / 3P
   Wearable Charge Management Solution
Rev 3; 5/17
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
   Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
MAX20303 MAXIM-MAX20303 Datasheet
2Mb / 152P
   Wearable Power Management Solution
Rev 6; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com