Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLG7NT4317 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG7NT4317
Description  CHERRY TRAIL ESSENTIALS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG7NT4317 Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG7NT4317 Datasheet HTML 1Page - Dialog Semiconductor SLG7NT4317 Datasheet HTML 2Page - Dialog Semiconductor SLG7NT4317 Datasheet HTML 3Page - Dialog Semiconductor SLG7NT4317 Datasheet HTML 4Page - Dialog Semiconductor SLG7NT4317 Datasheet HTML 5Page - Dialog Semiconductor SLG7NT4317 Datasheet HTML 6Page - Dialog Semiconductor SLG7NT4317 Datasheet HTML 7Page - Dialog Semiconductor SLG7NT4317 Datasheet HTML 8Page - Dialog Semiconductor SLG7NT4317 Datasheet HTML 9Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SLG7NT4317
CHERRY TRAIL ESSENTIALS
SLG7NT4317_DS_r100
Page 4
Absolute Maximum Conditions
Parameter
Min.
Max.
Unit
VHIGH to GND
-0.3
7
V
Voltage at input pins
-0.3
7
V
Current at input pin
-1.0
1.0
mA
Storage temperature range
-65
150
°C
Junction temperature
--
150
°C
Electrical Characteristics
(@ 25°C, unless otherwise stated)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3
--
4.5
V
TA
Operating Temperature
-40
25
85
°C
IQ
Quiescent Current
Static inputs and outputs at VDD=4.5V
--
70
--
μA
IL
Input Leakage Current
Leakage Current for Digital Inputs or outputs
in High impedance state
-1
--
1
µA
VIH
HIGH-Level Input Voltage
Logic Input at VDD=3.3V
1.78
--
--
V
Logic Input at VDD=5V
2.64
--
--
Logic Input with Schmitt trigger at VDD=3.3V
2.13
--
--
Logic Input with Schmitt trigger at VDD=5V
3.16
--
--
VIL
LOW-Level Input Voltage
Logic Input at VDD=3.3V
--
--
1.21
V
Logic Input at VDD=5V
--
--
1.84
Logic Input with Schmitt trigger at VDD=3.3V
--
--
0.95
Logic Input with Schmitt trigger at VDD=5V
--
--
0.78
IIH
HIGH-Level Input Current
Logic Input Pins; VIN = 3.3 V
-1.0
--
1.0
μA
IIL
LOW-Level Input Current
Logic Input Pins; VIN = 0 V
-1.0
--
1.0
μA
VOL
LOW-Level Output Voltage
Open Drain, at VDD=3.3V,
IOL = 3 mA, 1X Driver
--
0.08
0.147
V
Open Drain, at VDD=5V,
IOL = 3 mA, 1X Driver
--
0.102 0.180
IOL
LOW-Level Output Current
Open Drain, at VDD=3.3V,
VOL = 0.4 V 1X Driver
7.313 12.37
--
mA
Open Drain, at VDD=5V,
VOL = 0.4 V, 1X Driver
10.82 17.38
--
VACMP
Analog Comparator Threshold
Voltage
ACMP0 threshold including input offset, Vref
variation and hysteresis at 25°C temperature
368
--
432
mV
VHYST
Analog Comparator Hysteresis
ACMP0, at 25°C
--
25
--
mV


Similar Part No. - SLG7NT4317

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG7NT4375 DIALOG-SLG7NT4375 Datasheet
626Kb / 11P
   Low Power Consumption
SLG7NT4375V DIALOG-SLG7NT4375V Datasheet
626Kb / 11P
   Low Power Consumption
logo
Renesas Technology Corp
SLG7NT4375V RENESAS-SLG7NT4375V Datasheet
1Mb / 13P
   SKLAIO
February 25, 2022
logo
Dialog Semiconductor
SLG7NT4375VTR DIALOG-SLG7NT4375VTR Datasheet
626Kb / 11P
   Low Power Consumption
logo
Renesas Technology Corp
SLG7NT4375VTR RENESAS-SLG7NT4375VTR Datasheet
1Mb / 13P
   SKLAIO
February 25, 2022
More results

Similar Description - SLG7NT4317

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSCF4LS1C1A OPTOSUPPLY-OSCF4LS1C1A Datasheet
90Kb / 1P
   Cherry SMD LED
logo
Bel Fuse Inc.
CT900011 BEL-CT900011 Datasheet
132Kb / 1P
   RJ45 SHIELDED ESSENTIALS JACK
Rev. A0
logo
OptoSupply Internationa...
OSCF4L5111A OPTOSUPPLY-OSCF4L5111A Datasheet
89Kb / 1P
   Round Cherry LED
logo
Cherry Semiconductor Co...
JK-0800 CHERRY-JK-0800 Datasheet
86Kb / 2P
   CHERRY JK-0800 is rock-solid CHERRY technology with
JK-0720 CHERRY-JK-0720 Datasheet
85Kb / 2P
   CHERRY JK-0720 is advanced CHERRY technology in a modern
G80-3930 CHERRY-G80-3930 Datasheet
186Kb / 2P
   CHERRY MX BOARD 6.0
logo
OptoSupply Internationa...
OSCF4L3131A OPTOSUPPLY-OSCF4L3131A Datasheet
89Kb / 1P
   Round Cherry LED
OSCF4TS4C1A OPTOSUPPLY-OSCF4TS4C1A Datasheet
122Kb / 1P
   Cherry Top SMD LED
logo
Cherry Semiconductor Co...
MX3A-L1NN CHERRY-MX3A-L1NN Datasheet
99Kb / 5P
   CHERRY MX SILENT RGB RED
2015-12-17
logo
Bel Fuse Inc.
CT900010 BEL-CT900010 Datasheet
132Kb / 1P
   RJ12 ESSENTIALS JACK, VERTICAL MOUNT
Rev. A1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com