Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1052Z-100 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1052Z-100
Description  5-Bit, Programmable, 100kHz Pulse-Width Modulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1052Z-100 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1052Z-100 Datasheet HTML 1Page - Dallas Semiconductor DS1052Z-100 Datasheet HTML 2Page - Dallas Semiconductor DS1052Z-100 Datasheet HTML 3Page - Dallas Semiconductor DS1052Z-100 Datasheet HTML 4Page - Dallas Semiconductor DS1052Z-100 Datasheet HTML 5Page - Dallas Semiconductor DS1052Z-100 Datasheet HTML 6Page - Dallas Semiconductor DS1052Z-100 Datasheet HTML 7Page - Dallas Semiconductor DS1052Z-100 Datasheet HTML 8Page - Dallas Semiconductor DS1052Z-100 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DS1052
3 of 14
The following bus protocol has been defined (See Figure 2):
§ Data transfer may be initiated only when the bus is not busy.
§ During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in
the data line while the clock line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain HIGH.
Start data transfer: A change in the state of the data line from HIGH to LOW while the clock is HIGH,
defines a START condition.
Stop data transfer: A change in the state of the data line from LOW to HIGH while the clock line is
HIGH defines the STOP condition.
Data valid: The state of the data line represents valid data when, after a START condition, the data line
is stable for the duration of the HIGH period of the clock signal. The data on the line must be changed
during the LOW period of the clock signal. There is one clock pulse per bit of data. Figure 2 details how
data transfer is accomplished on the 2-wire bus. Depending upon the state of the R/W bit, two types of
data transfer are possible.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The
number of data bytes transferred between START and STOP conditions is not limited and is determined
by the master device. The information is transferred byte-wise and each receiver acknowledges with a
ninth bit.
Within the bus specifications, a regular mode (100kHz clock rate) and a fast mode (400kHz clock rate)
are defined. The DS1052 works in both modes.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge after the
reception of each byte. The master device must generate an extra clock pulse that is associated with this
acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable LOW during the HIGH period of the acknowledge-related clock pulse. Of
course, setup and hold times must be taken into account. A master must signal an end of data to the slave
by not generating an acknowledge bit on the last byte that has been clocked out of the slave. In this case,
the slave must leave the data line HIGH to enable the master to generate the STOP condition.
1. Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the
master is the command/control byte. Next follows a number of data bytes. The slave returns an
“acknowledge” bit after each received byte.
2. Data transfer from a slave transmitter to a master receiver. The first byte (the command/control
byte) is transmitted by the master. The slave then returns an acknowledge bit. Next follows a number
of data bytes transmitted by the slave to the master. The master returns an acknowledge bit after all
received bytes other than the last byte. At the end of the last received byte, a “not acknowledge” is
returned.


Similar Part No. - DS1052Z-100

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS105 LUMILEDS-DS105 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
logo
Dallas Semiconductor
DS1050 DALLAS-DS1050 Datasheet
231Kb / 17P
   5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
logo
Maxim Integrated Produc...
DS1050 MAXIM-DS1050 Datasheet
237Kb / 17P
   5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
logo
Advanced Energy Industr...
DS1050 ADVANCEDENERGY-DS1050 Datasheet
565Kb / 7P
   Distributed Power Bulk Front-End
01 12.10
logo
Artesyn Technologies
DS1050-3 ARTESYN-DS1050-3 Datasheet
718Kb / 4P
   Distributed Power Bulk Front-End
More results

Similar Description - DS1052Z-100

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1050 DALLAS-DS1050 Datasheet
231Kb / 17P
   5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
logo
Maxim Integrated Produc...
DS1050 MAXIM-DS1050 Datasheet
237Kb / 17P
   5-Bit, Programmable, Pulse Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
072701
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com